Electronic Components Datasheet Search
  English  ▼

X  

X28HT010 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X28HT010
Description  5V, Byte Alterable EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HT010 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X28HT010 Datasheet HTML 7Page - Intersil Corporation X28HT010 Datasheet HTML 8Page - Intersil Corporation X28HT010 Datasheet HTML 9Page - Intersil Corporation X28HT010 Datasheet HTML 10Page - Intersil Corporation X28HT010 Datasheet HTML 11Page - Intersil Corporation X28HT010 Datasheet HTML 12Page - Intersil Corporation X28HT010 Datasheet HTML 13Page - Intersil Corporation X28HT010 Datasheet HTML 14Page - Intersil Corporation X28HT010 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN8105.1
February 12, 2007
Equivalent A.C. Load Circuit
Symbol Table
Endurance and Data Retention
PARAMETER
MIN
MAX
UNIT
Endurance
10,000
Cycles per byte
Endurance
100,000
Cycles per page
Data Retention
100
Years
A.C. Conditions of Test
Input pulse levels
0V to 3V
Input rise and fall times
10ns
Input and output timing levels
1.5V
Mode Selection
CE
OE
WE
MODE
I/O
POWER
LL
H
Read
DOUT
Active
LH
L
Write
DIN
Active
H
X
X
Standby and
Write Inhibit
High Z
Standby
X
L
X
Write Inhibit
—
—
X
X
H
Write Inhibit
—
—
5V
1.92k
Ω
100pF
Output
1.37k
Ω
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
AC Electrical Specifications
Over the recommended operating conditions, unless otherwise specified.
SYMBOL
PARAMETER
X28C010-12
X28C010-15
X28C010-20,
X28HT010W
X28C010-25
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
READ CYCLE LIMITS
tRC
Read cycle time
120
150
200
250
ns
tCE
Chip enable access time
120
150
200
250
ns
tAA
Address access time
120
150
200
250
ns
tOE
Output enable access time
50
50
50
50
ns
tLZ (Note 4)
CE LOW to active output
0
0
0
0
ns
tOLZ (Note 4)
OE LOW to active output
0
0
0
0
ns
tHZ (Note 4)
CE HIGH to high Z output
50
50
50
50
ns
tOHZ (Note 4) OE HIGH to high Z output
50
50
50
50
ns
tOH
Output hold from address change
0
0
0
0
ns
X28C010, X28HT010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com