Electronic Components Datasheet Search
  English  ▼

X  

P83CL580 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # P83CL580
Description  Low voltage 8-bit microcontrollers with UART, I2C-bus and ADC
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL580 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button P83CL580 Datasheet HTML 45Page - NXP Semiconductors P83CL580 Datasheet HTML 46Page - NXP Semiconductors P83CL580 Datasheet HTML 47Page - NXP Semiconductors P83CL580 Datasheet HTML 48Page - NXP Semiconductors P83CL580 Datasheet HTML 49Page - NXP Semiconductors P83CL580 Datasheet HTML 50Page - NXP Semiconductors P83CL580 Datasheet HTML 51Page - NXP Semiconductors P83CL580 Datasheet HTML 52Page - NXP Semiconductors P83CL580 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
1997 Mar 14
49
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART, I2C-bus and ADC
P80CL580; P83CL580
17.3.3
INTERRUPT PRIORITY REGISTER (IP0)
Bit values: 0 = low priority; 1 = high priority.
Table 40 Interrupt Priority Register (SFR address B8H)
Table 41 Description of IP0 bits
17.3.4
INTERRUPT PRIORITY REGISTER (IP1)
Bit values: 0 = low priority; 1 = high priority.
Table 42 Interrupt Priority Register (SFR address F8H)
Table 43 Description of IP1 bits
76543210
−
PT2
PS1
PS0
PT1
PX1
PT0
PX0
BIT
SYMBOL
DESCRIPTION
7
−
reserved
6
PT2
Timer 2 interrupt priority level
5
PS1
I2C interrupt priority level
4
PS0
UART SIO interrupt priority level
3
PT1
Timer 1 interrupt priority level
2
PX1
external interrupt 1 priority level
1
PT0
Timer 0 interrupt priority level
0
PX0
external interrupt 0 priority level
76543210
PADC
PX8
PX7
PX6
PX5
PX4
PX3
PX2
BIT
SYMBOL
DESCRIPTION
7
PADC
ADC interrupt priority level
6
PX8
external interrupt 8 priority level
5
PX7
external interrupt 7 priority level
4
PX6
external interrupt 6 priority level
3
PX5
external interrupt 5 priority level
2
PX4
external interrupt 4 priority level
1
PX3
external interrupt 3 priority level
0
PX2
external interrupt 2 priority level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com