Electronic Components Datasheet Search
  English  ▼

X  

P83CL580 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # P83CL580
Description  Low voltage 8-bit microcontrollers with UART, I2C-bus and ADC
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL580 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button P83CL580 Datasheet HTML 61Page - NXP Semiconductors P83CL580 Datasheet HTML 62Page - NXP Semiconductors P83CL580 Datasheet HTML 63Page - NXP Semiconductors P83CL580 Datasheet HTML 64Page - NXP Semiconductors P83CL580 Datasheet HTML 65Page - NXP Semiconductors P83CL580 Datasheet HTML 66Page - NXP Semiconductors P83CL580 Datasheet HTML 67Page - NXP Semiconductors P83CL580 Datasheet HTML 68Page - NXP Semiconductors P83CL580 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
1997 Mar 14
65
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART, I2C-bus and ADC
P80CL580; P83CL580
22 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
23 DC CHARACTERISTICS
VDD = 1.8 to 6 V; VSS = 0 V; Tamb = −25 to +55 °C; see notes 1 and 2; all voltages with respect to VSS unless specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.5
+6.5
V
VI
input voltage on any pin with respect to ground (VSS)
−0.5
VDD + 0.5 V
II
DC current on any input
−5.0
+5.0
mA
IO
DC current on any output
−5.0
+5.0
mA
Ptot
total power dissipation
−
300
mW
Tstg
storage temperature
−65
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Tj
operating junction temperature
−
+125
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
operating
2.5
−
6.0
V
RAM retention voltage in
Power-down mode
1.0
−
6.0
V
IDD
supply current operating
VDD =5V; fCLK = 12 MHz; note 3
−−
27.0
mA
VDD =3V; fCLK = 3.58 MHz; note 3 −−
5.0
mA
IDD(idle)
supply current Idle mode
VDD =5V; fCLK = 12 MHz; note 4
−−
10.0
mA
VDD =3V; fCLK = 3.58 MHz; note 4 −−
3.0
mA
IDD(pd)
Power-down current
VDD = 1.8 V; Tamb =25°C; note 5
−−
10
µA
Inputs (note 6)
VIL
LOW level input voltage
VSS
−
0.3VDD V
VIH
HIGH level input voltage
0.7VDD −
VDD
V
ILI
input leakage current (Port 0; EA)
VSS < VI < VDD
−−
±10
µA
Outputs
IOL
LOW level output current
(except SDA; SCL)
VDD =5V;VOL = 0.4 V
1.6
−−
mA
VDD = 2.5 V; VOL = 0.4 V
0.7
−−
mA
LOW level output current SDA; SCL VDD =5V; VOL = 0.4 V
3.0
−−
mA
LOW level output current PWM0
VDD =5V; VOL = 0.4 V
3.2
−−
mA
VDD = 2.5 V; VOL = 0.4 V
1.6
−−
mA
IOH
HIGH level output current PWM0
VDD =5V; VOH =VDD − 0.4 V
−3.2
−−
mA
VDD = 2.5 V; VOH =VDD − 0.4 V
−1.6
−−
mA
IOH
HIGH level output current
(push-pull options only)
VDD =5V; VOH =VDD − 0.4 V
−1.6
−−
mA
VDD = 2.5 V; VOH =VDD − 0.4 V
−0.7
−−
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com