Electronic Components Datasheet Search
  English  ▼

X  

P83CL580 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # P83CL580
Description  Low voltage 8-bit microcontrollers with UART, I2C-bus and ADC
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL580 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button P83CL580 Datasheet HTML 26Page - NXP Semiconductors P83CL580 Datasheet HTML 27Page - NXP Semiconductors P83CL580 Datasheet HTML 28Page - NXP Semiconductors P83CL580 Datasheet HTML 29Page - NXP Semiconductors P83CL580 Datasheet HTML 30Page - NXP Semiconductors P83CL580 Datasheet HTML 31Page - NXP Semiconductors P83CL580 Datasheet HTML 32Page - NXP Semiconductors P83CL580 Datasheet HTML 33Page - NXP Semiconductors P83CL580 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
1997 Mar 14
30
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART, I2C-bus and ADC
P80CL580; P83CL580
Table 18 Selection of the serial clock frequency SCL in a Master mode of operation
15.2
Serial Status Register (S1STA)
S1STA is a read-only register.The contents of this register may be used as a vector to a service routine. This optimizes
the response time of the software and consequently that of the I2C-bus. The status codes for all possible modes of the
I2C-bus interface are given in Tables 21 to 25.
Table 19 Serial Status Register (address D9H)
Table 20 Description of S1STA bits
Table 21 MST/TRX mode
CR2
CR1
CR0
fosc DIVISOR
BIT RATE(kHz) AT fosc
3.58 MHz
6 MHz
12 MHz
0
0
0
256
14.0
23.4
46.9
0
0
1
224
16.0
26.8
53.6
0
1
0
192
18.6
31.3
62.5
0
1
1
160
22.4
37.5
75.0
1
0
0
960
3.73
6.25
12.5
1
0
1
120
29.8
50.0
100.0
1
1
0
60
59.7
100.0
−
1
1
1
not allowed
−−−
76543210
SC4
SC3
SC2
SC1
SC0
0
0
0
BIT
SYMBOL
DESCRIPTION
3 to 7
SC4 to SC0
5-bit status code.
0 to 2
−
These three bits are always zero.
S1STA VALUE
DESCRIPTION
08H
A START condition has been transmitted.
10H
A repeated START condition has been transmitted.
18H
SLA and W have been transmitted, ACK has been received.
20H
SLA and W have been transmitted, ACK received.
28H
DATA of S1DAT has been transmitted, ACK received.
30H
DATA of S1DAT has been transmitted, ACK received.
38H
Arbitration lost in SLA, R/W or DATA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com