Electronic Components Datasheet Search
  English  ▼

X  

PCA85162 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA85162
Description  32 x 4 automotive LCD driver for low multiplex rates
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85162 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA85162 Datasheet HTML 1Page - NXP Semiconductors PCA85162 Datasheet HTML 2Page - NXP Semiconductors PCA85162 Datasheet HTML 3Page - NXP Semiconductors PCA85162 Datasheet HTML 4Page - NXP Semiconductors PCA85162 Datasheet HTML 5Page - NXP Semiconductors PCA85162 Datasheet HTML 6Page - NXP Semiconductors PCA85162 Datasheet HTML 7Page - NXP Semiconductors PCA85162 Datasheet HTML 8Page - NXP Semiconductors PCA85162 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
NXP Semiconductors
PCA85162
32 x 4 automotive LCD driver for low multiplex rates
3 Ordering information
Package
Type number
Topside
mark
Name
Description
Version
PCA85162T/
Q900/1
PCA85162T TSSOP48
plastic thin shrink small outline package; 48 leads;
body width 6.1 mm
SOT362-1
Table 1. Ordering information
3.1 Ordering options
Type number
Orderable part
number
Package
Packing method
[1]
Minimum
order
quantity
Temperature
PCA85162T/
Q900/1
PCA85162T/
Q900/1,1[2]
TSSOP48
tape and reel, 13 inch
2000
Tamb = -40 °C to +95 °C
PCA85162T/
Q900/1
PCA85162T/Q900/1
Y
TSSOP48
reel 13 inch q1 dry pack
2000
Tamb = -40 °C to +95 °C
Table 2. Ordering options
[1]
Standard packing quantities and other packaging data are available at www.nxp.com/packages/
[2]
Discontinuation notice 202107021DN - drop-in replacement is PCA85162T/Q900/1Y - this is documented in PCN202102010F01.
PCA85162
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 23 October 2023
2 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com