Electronic Components Datasheet Search
  English  ▼

X  

PCA85162 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCA85162
Description  32 x 4 automotive LCD driver for low multiplex rates
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85162 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCA85162 Datasheet HTML 32Page - NXP Semiconductors PCA85162 Datasheet HTML 33Page - NXP Semiconductors PCA85162 Datasheet HTML 34Page - NXP Semiconductors PCA85162 Datasheet HTML 35Page - NXP Semiconductors PCA85162 Datasheet HTML 36Page - NXP Semiconductors PCA85162 Datasheet HTML 37Page - NXP Semiconductors PCA85162 Datasheet HTML 38Page - NXP Semiconductors PCA85162 Datasheet HTML 39Page - NXP Semiconductors PCA85162 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
NXP Semiconductors
PCA85162
32 x 4 automotive LCD driver for low multiplex rates
The PCA85162 can always be cascaded with other devices of the same type or conditionally with other devices
of the same family. This allows optimal drive selection for a given number of pixels to display. Figure 24 and
Figure 27 show the timing of the synchronization signals.
Tfr = ffr
1
BP0
SYNC
BP0
(1/2 bias)
SYNC
BP0
(1/3 bias)
(a) static drive mode.
(b) 1:2 multiplex drive mode.
(c) 1:3 multiplex drive mode.
(d) 1:4 multiplex drive mode.
BP0
(1/3 bias)
SYNC
SYNC
BP0
(1/3 bias)
mgl755
Figure 27. Synchronization of the cascade for the various PCA85162 drive modes
Only one controller, but multiple targets. are allowed in a cascade. All devices in the cascade have to use the
same clock whether it is supplied externally or provided by the controller.
If an external clock source is used, all PCA85162 in the cascade must be configured such as to receive the
clock from that external source (pin OSC connected to VDD). Thereby it must be ensured that the clock tree is
designed such that on all PCA85162 the clock propagation delay from the clock source to all PCA85162 in the
cascade is as equal as possible since otherwise synchronization artefacts may occur.
In mixed cascading configurations, care has to be taken that the specifications of the individual cascaded
devices are met at all times.
PCA85162
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 23 October 2023
36 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com