Electronic Components Datasheet Search
  English  ▼

X  

PCA85162 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA85162
Description  32 x 4 automotive LCD driver for low multiplex rates
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85162 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA85162 Datasheet HTML 17Page - NXP Semiconductors PCA85162 Datasheet HTML 18Page - NXP Semiconductors PCA85162 Datasheet HTML 19Page - NXP Semiconductors PCA85162 Datasheet HTML 20Page - NXP Semiconductors PCA85162 Datasheet HTML 21Page - NXP Semiconductors PCA85162 Datasheet HTML 22Page - NXP Semiconductors PCA85162 Datasheet HTML 23Page - NXP Semiconductors PCA85162 Datasheet HTML 24Page - NXP Semiconductors PCA85162 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
NXP Semiconductors
PCA85162
32 x 4 automotive LCD driver for low multiplex rates
6.6.1 Data pointer
The addressing mechanism for the display RAM is realized using the data pointer. This allows the loading of
an individual display data byte, or a series of display data bytes, into any location of the display RAM. The
sequence commences with the initialization of the data pointer by the load-data-pointer command (see Table 7).
Following this command, an arriving data byte is stored at the display RAM address indicated by the data
pointer. The filling order is shown in Figure 12.
After each byte is stored, the content of the data pointer is automatically incremented by a value dependent on
the selected LCD drive mode:
• In static drive mode by eight
• In 1:2 multiplex drive mode by four
• In 1:3 multiplex drive mode by three
• In 1:4 multiplex drive mode by two
If an I2C-bus data access terminates early then the state of the data pointer is unknown. Consequently, the data
pointer must be rewritten prior to further RAM accesses.
6.6.2 Subaddress counter
The storage of display data is determined by the contents of the subaddress counter. Storage is allowed only
when the content of the subaddress counter match with the hardware subaddress applied to A0, A1, and A2.
The subaddress counter value is defined by the device-select command (see Table 8). If the content of the
subaddress counter and the hardware subaddress do not match then data storage is inhibited but the data
pointer is incremented as if data storage had taken place. The subaddress counter is also incremented when
the data pointer overflows.
6.6.3 RAM addressing in cascaded applications
In cascaded applications each PCA85162 in the cascade must be addressed separately. Initially, the first
PCA85162 is selected by sending the device-select command matching the first device's hardware subaddress.
Then the data pointer is set to the preferred display RAM address by sending the load-data-pointer command.
Once the display RAM of the first PCA85162 has been written, the second PCA85162 is selected by sending
the device-select command again. This time however the command matches the second device's hardware
subaddress. Next the load-data-pointer command is sent to select the preferred display RAM address of the
second PCA85162.
This last step is very important because during writing data to the first PCA85162, the data pointer of the
second PCA85162 is incremented. In addition, the hardware subaddress should not be changed whilst the
device is being accessed on the I2C-bus interface.
6.6.4 RAM writing in 1:3 multiplex drive mode
In 1:3 multiplex drive mode, the RAM is written as shown in Table 14 (see Figure 12 as well).
Assumption: BP2/S2, BP2/S5, BP2/S8 etc.
are not connected to any segments/elements on the display.
Display RAM addresses (columns)/segment outputs (Sn)
Display RAM bits
(rows)/ backplane
outputs (BPn)
0
1
2
3
4
5
6
7
8
9
:
0
a7
a4
a1
b7
b4
b1
c7
c4
c1
d7
:
Table 14. Standard RAM filling in 1:3 multiplex drive mode
PCA85162
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 23 October 2023
21 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com