Electronic Components Datasheet Search
  English  ▼

X  

PCA85162 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCA85162
Description  32 x 4 automotive LCD driver for low multiplex rates
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85162 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCA85162 Datasheet HTML 35Page - NXP Semiconductors PCA85162 Datasheet HTML 36Page - NXP Semiconductors PCA85162 Datasheet HTML 37Page - NXP Semiconductors PCA85162 Datasheet HTML 38Page - NXP Semiconductors PCA85162 Datasheet HTML 39Page - NXP Semiconductors PCA85162 Datasheet HTML 40Page - NXP Semiconductors PCA85162 Datasheet HTML 41Page - NXP Semiconductors PCA85162 Datasheet HTML 42Page - NXP Semiconductors PCA85162 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
NXP Semiconductors
PCA85162
32 x 4 automotive LCD driver for low multiplex rates
16 Handling information
All input and output pins are protected against ElectroStatic Discharge (ESD) under normal handling. When
handling Metal-Oxide Semiconductor (MOS) devices ensure that all normal precautions are taken as described
in JESD625-A, IEC  61340-5 or equivalent standards.
17 Packing information
17.1 Tape and reel information
For tape and reel packing information, please see [4].
18 Soldering of SMD packages
This text provides a very brief insight into a complex technology. A more in-depth account of soldering ICs can
be found in Application Note AN10365 “Surface mount reflow soldering description”.
18.1 Introduction to soldering
Soldering is one of the most common methods through which packages are attached to Printed Circuit Boards
(PCBs), to form electrical circuits. The soldered joint provides both the mechanical and the electrical connection.
There is no single soldering method that is ideal for all IC packages. Wave soldering is often preferred when
through-hole and Surface Mount Devices (SMDs) are mixed on one printed wiring board; however, it is not
suitable for fine pitch SMDs. Reflow soldering is ideal for the small pitches and high densities that come with
increased miniaturization.
18.2 Wave and reflow soldering
Wave soldering is a joining technology in which the joints are made by solder coming from a standing wave of
liquid solder. The wave soldering process is suitable for the following:
• Through-hole components
• Leaded or leadless SMDs, which are glued to the surface of the printed circuit board
Not all SMDs can be wave soldered. Packages with solder balls, and some leadless packages which have
solder lands underneath the body, cannot be wave soldered. Also, leaded SMDs with leads having a pitch
smaller than ~0.6 mm cannot be wave soldered, due to an increased probability of bridging.
The reflow soldering process involves applying solder paste to a board, followed by component placement and
exposure to a temperature profile. Leaded packages, packages with solder balls, and leadless packages are all
reflow solderable.
Key characteristics in both wave and reflow soldering are:
• Board specifications, including the board finish, solder masks and vias
• Package footprints, including solder thieves and orientation
• The moisture sensitivity level of the packages
• Package placement
• Inspection and repair
• Lead-free soldering versus SnPb soldering
PCA85162
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 23 October 2023
39 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com