Electronic Components Datasheet Search
  English  ▼

X  

ISV2 Datasheet(PDF) 2 Page - Leadshine Technology Co., Ltd.

Part # ISV2
Description  iSV2 Series Integrated Servo Motors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ISV2 Datasheet(HTML) 2 Page - Leadshine Technology Co., Ltd.

  ISV2 Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ISV2 Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ISV2 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ISV2 Datasheet HTML 4Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet of iSV2 Series Integrated Servo Motors
www.leadshine.com
2
Technical Specification
Part Number
iSV2-RS6020V24*
iSV2-CAN6020V24*
iSV2-RS6020V48*
iSV2-CAN6020V48*
iSV2-RS6040V48*
iSV2-CAN6040V48*
iSV2-RS8075V48*
iSV2-CAN8075V48*
Rated Power(W)
200
200
400
750
Rated Torque(Nm)
0.64
0.64
1.27
2.39
Peak Torque(Nm)
1.92
1.92
3.81
7.17
Rated Speed(rpm)
3000
3000
3000
3000
Peak Speed(rpm)
4000
4000
4000
4000
Rated Voltage(VDC)
24
48
48
48
Input Voltage(VDC)
24~60
24~60
24~60
24~60
Continuous Current(Arms)
11
6.5
10
19
Peak Current(Arms)
34
20
28
57
Logic Signal Current(mA)
10
10
10
10
Isolation Resistance(MΩ)
100
100
100
100
Weight(kg)
0.93(1.32)
0.93(1.32)
1.26(1.65)
2.52(3.19)
Encoder
17 bit incremental magnetic encoder
Motor brake
“*=G” means: motor with brake;
“*=H” means: motor without brake.
Control method
SVPWM sinusoidal Wave Drive
Overload
300% (3s)
Regeneration resistor
External connection
Communication & Connection
Model
iSV2-RS ****
iSV2-CAN****
Pulse input
2 fast pulse input, 5V only
——
Digital input/output
4programmable OC inputs, 24V
2 programmable OC outputs, 24V
Communication interface
RS485
CAN
RS-232 for tuning
Environment
Item
Storage
Installation
Temperature
-10-35℃
0-45℃
Humility
Under 80%RH (free from condensation)
Atmospheric
environment
Indoor(no exposure)no corrosive gas or flammable gas, no oil or dust
Altitude
Lower than 1000m
Vibration
Less than 0.5G (4.9m/s
2) 10-60Hz (non-continuous working)
Protection level
IP20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com