Electronic Components Datasheet Search
  English  ▼

X  

ISV2 Datasheet(PDF) 3 Page - Leadshine Technology Co., Ltd.

Part # ISV2
Description  iSV2 Series Integrated Servo Motors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ISV2 Datasheet(HTML) 3 Page - Leadshine Technology Co., Ltd.

  ISV2 Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ISV2 Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ISV2 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ISV2 Datasheet HTML 4Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Datasheet of iSV2 Series Integrated Servo Motors
www.leadshine.com
3
Connectors and Pin Assignment
Power terminal
Pin
Signal
Details
1
DC+
Power + for integrated servo motor
2
DC-
Power - for integrated servo motor
3
RB+
Regeneration resistor +
4
RB-
Regeneration resistor -
Signal Explanation of Control Signal Port -I/O
Pin
Signal
IO
Detail
iSV2-RS****
iSV2-CAN****
1
DI1+
Input
Differential pulse input,5V, 500KHz,
Default pulse
NA
2
DI1-
Input
3
DI2+
Input
Differential pulse input,5V, 500KHz,
Default
direction
NA
4
DI2-
Input
5
COM_IN
Input
Power supply positive terminal of the external input control signal, 12 ~ 24VDC
6
DI3
Input
Digital input signal 3, default value is E-STOP signal , low level available in default , max
voltage is 24V input 20KHz
7
DI4
Input
Digital input signal 4, default value is homing switch signal(HOME-SWITCH) , low level
available in default , max voltage is 24VDC input 20KHz
8
DI5
Input
Digital input signal 5, default value is forward run prohibited (POT)signal in position mode ,
low level available in default , max voltage is 24VDC input 20KHz
9
DI6
Input
Digital input signal 6, default value is reverse run prohibited (NOT) signal in position mode ,
low level available in default , max voltage is 24VDC input 20KHz
10
DO1
Output
Digital output signal 1 ,
(ALARM),24VDC, < 100mA
11
DO2
Output
Digital output signal 2 ,
(Servo-Ready),24V, < 100mA
12
COM_OUT
Output
Digital output signal commonality ground, 12 ~ 24VDC
RS232 Communication port- GUI software
RS232
Pin
Detail
RS232
1
5V
2
TX
3
GND
4
RX



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com