Electronic Components Datasheet Search
  English  ▼

X  

ISV2 Datasheet(PDF) 4 Page - Leadshine Technology Co., Ltd.

Part # ISV2
Description  iSV2 Series Integrated Servo Motors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ISV2 Datasheet(HTML) 4 Page - Leadshine Technology Co., Ltd.

  ISV2 Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ISV2 Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ISV2 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ISV2 Datasheet HTML 4Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Datasheet of iSV2 Series Integrated Servo Motors
www.leadshine.com
4
Bus connector- IN or OUT
BUS
Pin
Modbus(RS485)
CANopen
Modbus (RS485)
/
CANopen
1
485 data+
CAN_H
2
485 data-
CAN_L
3
GND
GND
4
PE
PE
Switch
Rotary Code Switch - Slave Node-ID
RCS
NO
Slave ID
NO
Slave ID
RCS
0
Modbus: Default Pr5.31=16
CANopen: Default Pr0.23=16
8
8
1
1
9
9
2
2
A
10
3
3
B
11
4
4
C
12
5
5
D
13
6
6
E
14
7
7
F
15
Dip Switch
Pin
Detail
SW1
Modbus RTU / CANopen baud rate. “Default” is valid only if SW1 and SW2 are “off”.
SW3
SW4
Modbus Baud rate
CANopen Baud rate
off
off
Default Pr5.30=9600Hz
Default
Pr0.24=1M Hz
on
off
19200Hz
500K
off
on
38400Hz
250K
on
on
57600Hz
125K
SW2
SW3
Terminal resistor
OFF: Null; ON : 120Ω
Pin
Modbus RTU
CANopen
SW4
When PR6.33=0, this switch is defined as Rotation direction
SW4=off: CCW;
SW4=on: CW
When PR6.33=8, this switch is defined as Modbus RTU Slave ID
(High Bit)
SW4=off, High Bit =0, Modbus RTU Slave ID=RCS_ID
SW4=on, High Bit =1, Modbus RTU Slave ID=16+RCS_ID
CANopen Node-ID selection
(High Bit)
SW4=off, High Bit =0, CAN Node-ID=RCS_ID
SW4=on, High Bit =1, CAN Node-ID =16+RCS_ID



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com