Electronic Components Datasheet Search
  English  ▼

X  

ISV2 Datasheet(PDF) 1 Page - Leadshine Technology Co., Ltd.

Part # ISV2
Description  iSV2 Series Integrated Servo Motors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ISV2 Datasheet(HTML) 1 Page - Leadshine Technology Co., Ltd.

  ISV2 Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ISV2 Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ISV2 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ISV2 Datasheet HTML 4Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Datasheet of iSV2 Series Integrated Servo Motors
www.leadshine.com
1
iSV2 Series Integrated Servo Motors
The
Leadshine iSV2 series integrated servo motor is a 60mm&80mm frame size low-voltage servomotor integrated
with a 17bit encoder and a servo drive, meet the demands in a wide range of applications: AGV, AMR, RGV,
Electronics, etc.
Small, easy to install, and cost-effective
· Compact design
The motor, encoder and drive form a compact unit.
· Simple installation
Reduce cables, and easy to wire.
· Open communication with control system
CANopen (CiA 301
CiA402)
Modbus RTU (RS485)
· Simple commissioning
User-friendly GUI software:Motion Studio
Model


Similar Part No. - ISV2

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
ISV-1/4 FESTO-ISV-1/4 Datasheet
88Kb / 1P
Vacuum security valve
ISV-1/8 FESTO-ISV-1/8 Datasheet
88Kb / 1P
Vacuum security valve
logo
TALEMA Group. LLC
ISV-100B1 TALEMA-ISV-100B1 Datasheet
44Kb / 1P
ISDN SO DIL Style Through Hole Interface Transformers
ISV-120A1 TALEMA-ISV-120A1 Datasheet
44Kb / 1P
ISDN SO DIL Style Through Hole Interface Transformers
ISV-130B1 TALEMA-ISV-130B1 Datasheet
44Kb / 1P
ISDN SO DIL Style Through Hole Interface Transformers
More results

Similar Description - ISV2

ManufacturerPart #DatasheetDescription
logo
MotionKing Motor Indust...
AS40 MOTIONKING-AS40 Datasheet
187Kb / 2P
AC Servo Motors
AS60 MOTIONKING-AS60 Datasheet
175Kb / 3P
AC Servo Motors
AS80 MOTIONKING-AS80 Datasheet
154Kb / 2P
AC Servo Motors
AS90 MOTIONKING-AS90 Datasheet
156Kb / 2P
AC Servo Motors
AS110 MOTIONKING-AS110 Datasheet
166Kb / 3P
AC Servo Motors
AS130 MOTIONKING-AS130 Datasheet
171Kb / 3P
AC Servo Motors
AS150 MOTIONKING-AS150 Datasheet
165Kb / 2P
AC Servo Motors
AS180 MOTIONKING-AS180 Datasheet
164Kb / 3P
AC Servo Motors
logo
Leadshine Technology Co...
BLM LEADSHINE-BLM Datasheet
1Mb / 4P
BLM Series Brushless DC Servo Motors
ELVM LEADSHINE-ELVM Datasheet
735Kb / 3P
ELVM Series Servo Motors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com