Electronic Components Datasheet Search
  English  ▼

X  

X9268 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9268
Description  Dual Digitally-Controlled Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9268 Datasheet(HTML) 5 Page - Intersil Corporation

  X9268 Datasheet HTML 1Page - Intersil Corporation X9268 Datasheet HTML 2Page - Intersil Corporation X9268 Datasheet HTML 3Page - Intersil Corporation X9268 Datasheet HTML 4Page - Intersil Corporation X9268 Datasheet HTML 5Page - Intersil Corporation X9268 Datasheet HTML 6Page - Intersil Corporation X9268 Datasheet HTML 7Page - Intersil Corporation X9268 Datasheet HTML 8Page - Intersil Corporation X9268 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
FN8172.4
August 29, 2006
PIN DESCRIPTIONS
Bus Interface Pins
SERIAL DATA INPUT/OUTPUT (SDA)
The SDA is a bidirectional serial data input/output pin
for a 2-Wire slave device and is used to transfer data
into and out of the device. It receives device address,
opcode, wiper register address and data sent from an
2-Wire master at the rising edge of the serial clock
SCL, and it shifts out data after each falling edge of
the serial clock SCL.
It is an open drain output and may be wire-ORed with
any number of open drain or open collector outputs.
An open drain output requires the use of a pull-up
resistor. For selecting typical values, refer to the
guidelines for calculating typical values on the bus
pull-up resistors graph.
SERIAL CLOCK (SCL)
This input is used by 2-Wire master to supply 2-Wire
serial clock to the X9268.
DEVICE ADDRESS (A3 - A0)
The address inputs are used to set the least significant
3 bits of the 8-bit slave address. A match in the slave
address serial data stream must be made with the
Address input in order to initiate communication with
the X9268. A maximum of 8 devices may occupy the
2-Wire serial bus.
Potentiometer Pins
RH, RL
The RH and RL pins are equivalent to the terminal
connections on a mechanical potentiometer. Since
there are 2 potentiometers, there are 2 sets of RH and
RL such that RH0 and RL0 are the terminals of POT 0
and so on.
RW
The wiper pin are equivalent to the wiper terminal of a
mechanical
potentiometer.
Since
there
are
4
potentiometers, there are 2 sets of RW such that RW0
is the terminal of POT 0 and so on.
Bias Supply Pins
SYSTEM SUPPLY VOLTAGE (VCC) AND SUPPLY
GROUND (VSS)
The VCC pin is the system supply voltage. The VSS
pin is the system ground.
Analog Supply Voltages (V+ and V
-)
These supplies are the analog voltage supplies for the
potentiometer. The V+ supply is tied to the wiper
switches while the V- supply is used to bias the
switches and the internal P+ substrate of the
integrated circuit. Both of these supplies set the
voltage limits of the potentiometer.
Other Pins
NO CONNECT
No connect pins should be left open. This pins are
used for Intersil manufacturing and testing purposes.
HARDWARE WRITE PROTECT INPUT (WP)
The WP pin when LOW prevents nonvolatile writes to
the Data Registers.
X9268



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com