Electronic Components Datasheet Search
  English  ▼

X  

X9268 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9268
Description  Dual Digitally-Controlled Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9268 Datasheet(HTML) 1 Page - Intersil Corporation

  X9268 Datasheet HTML 1Page - Intersil Corporation X9268 Datasheet HTML 2Page - Intersil Corporation X9268 Datasheet HTML 3Page - Intersil Corporation X9268 Datasheet HTML 4Page - Intersil Corporation X9268 Datasheet HTML 5Page - Intersil Corporation X9268 Datasheet HTML 6Page - Intersil Corporation X9268 Datasheet HTML 7Page - Intersil Corporation X9268 Datasheet HTML 8Page - Intersil Corporation X9268 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
®
FN8172.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9268
Dual Supply/Low Power/256-Tap/2-Wire Bus
Dual Digitally-Controlled (XDCP™)
Potentiometers
FEATURES
• Dual–Two Separate Potentiometers
• 256 Resistor Taps/Pot–0.4% Resolution
• 2-Wire Serial Interface for Write, Read, and
Transfer Operations of the Potentiometer
•
Wiper Resistance, 100
Ω typical @ V+ = 5V,
V- = -5V
• 16 Nonvolatile Data Registers for Each
Potentiometer
• Nonvolatile Storage of Multiple Wiper Positions
• Power-on Recall. Loads Saved Wiper Position
on Power-up.
• Standby Current <5µA Max
•VCC: ±2.7V to ±5.5V Operation
•50k
Ω, 100kΩ Versions of End to End Pot
Resistance
• Endurance: 100,000 Data Changes per Bit per
Register
• 100 yr. Data Retention
• 24 Ld SOIC
• Low Power CMOS
• Power Supply VCC = ±2.7V to ±5.5V
V+ = 2.7V to 5.5V
V- = -2.7V to -5.5V
• Pb-Free Plus Anneal Available (RoHS Compliant)
DESCRIPTION
The
X9268
integrates
2
digitally
controlled
potentiometer (XDCP) on a monolithic CMOS
integrated circuit.
The digital controlled potentiometer is implemented
using 255 resistive elements in a series array.
Between each element are tap points connected to the
wiper terminal through switches. The position of the
wiper on the array is controlled by the user through the
2-Wire bus interface. Each potentiometer has
associated with it a volatile Wiper Counter Register
(WCR) and a four nonvolatile Data Registers that can
be directly written to and read by the user. The
contents of the WCR controls the position of the wiper
on the resistor array though the switches. Powerup
recalls the contents of the default Data Register (DR0)
to the WCR.
The XDCP can be used as a three-terminal
potentiometer or as a two terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
FUNCTIONAL DIAGRAM
RH0
RL0
RW0
VCC
VSS
2-Wire
Bus
50k
Ω or 100kΩ versions
RH1
RL1
RW1
Power-on Recall
Wiper Counter
Registers (WCR)
Data Registers
(DR0–DR3)
Interface
Bus
Interface
and Control
Address
Data
Status
Write
Read
Transfer
Inc/Dec
Control
V+
V-
Data Sheet
August 29, 2006


Similar Part No. - X9268

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
Dual Supply/Low Power/256-Tap/2-Wire Bus
June 21, 2005
X9268 INTERSIL-X9268 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9268 RENESAS-X9268 Datasheet
850Kb / 22P
Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
logo
Intersil Corporation
X9268 INTERSIL-X9268 Datasheet
323Kb / 22P
Dual Digitally-Controlled (XDCP) Potentiometers
August 29, 2006
X9268TS24 INTERSIL-X9268TS24 Datasheet
368Kb / 24P
Dual Supply/Low Power/256-Tap/2-Wire Bus
June 21, 2005
More results

Similar Description - X9268

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
Dual Digitally Controlled Potentiometers
March 1, 2005
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
Dual Digitally Controlled Potentiometers
March 4, 2005
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
Dual Digitally Controlled Potentiometers
July 17, 2006
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
Dual Digitally-Controlled Potentiometers
August 29, 2006
X9261 INTERSIL-X9261_06 Datasheet
362Kb / 20P
Dual Digitally-Controlled Potentiometers
October 12, 2006
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
Dual Digitally-Controlled Potentiometers
April 17, 2007
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
Dual Digitally Controlled Potentiometers
March 24, 2006
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
Dual Digitally Controlled Potentiometers
October 12, 2006
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
Dual Digitally Controlled Potentiometers
February 1, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com