Electronic Components Datasheet Search
  English  ▼

X  

X9268 Datasheet(PDF) 14 Page - Intersil Corporation

Part # X9268
Description  Dual Digitally-Controlled Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9268 Datasheet(HTML) 14 Page - Intersil Corporation

Back Button X9268 Datasheet HTML 10Page - Intersil Corporation X9268 Datasheet HTML 11Page - Intersil Corporation X9268 Datasheet HTML 12Page - Intersil Corporation X9268 Datasheet HTML 13Page - Intersil Corporation X9268 Datasheet HTML 14Page - Intersil Corporation X9268 Datasheet HTML 15Page - Intersil Corporation X9268 Datasheet HTML 16Page - Intersil Corporation X9268 Datasheet HTML 17Page - Intersil Corporation X9268 Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
FN8172.4
August 29, 2006
Global XFR Wiper Counter Register (WCR) to Data Register (DR)
Transfer Wiper Counter Register (WCR) to Data Register (DR)
Transfer Data Register (DR) to Wiper Counter Register (WCR)
Increment/Decrement Wiper Counter Register (WCR)
Notes: (1) “MACK”/”SACK”: stands for the acknowledge sent by the master/slave.
(2) “A3 ~ A0”: stands for the device addresses sent by the master.
(3) “X”: indicates that it is a “0” for testing purpose but physically it is a “don’t care” condition.
(4) “I”: stands for the increment operation, SDA held high during active SCL phase (high).
(5) “D”: stands for the decrement operation, SDA held low during active SCL phase (high).
S
T
A
R
T
Device Type
Identifier
Device
Addresses
S
A
C
K
Instruction
Opcode
DR/WCR
Addresses
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
0
1
0
1 A3 A2 A1 A0
1000 RB RA 0 0
S
T
A
R
T
Device Type
Identifier
Device
Addresses
S
A
C
K
Instruction
Opcode
DR/WCR
Addresses
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
0
1
0
1 A3 A2 A1 A0
1110 RB RA 0
P0
S
T
A
R
T
Device Type
Identifier
Device
Addresses
S
A
C
K
Instruction
Opcode
DR/WCR
Addresses
S
A
C
K
S
T
O
P
0
1
0
1 A3 A2 A1 A0
1 1 0 1 RB RA 0
P0
S
T
A
R
T
Device Type
Identifier
Device
Addresses
S
A
C
K
Instruction
Opcode
DR/WCR
Addresses
S
A
C
K
Increment/Decrement
(Sent by Master on SDA)
S
T
O
P
01 01 A3 A2 A1 A0
00 100 0
0
P0
I/D I/D .
.
.
. I/D I/D
X9268



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com