Electronic Components Datasheet Search
  English  ▼

X  

X9268 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9268
Description  Dual Digitally-Controlled Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9268 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9268 Datasheet HTML 2Page - Intersil Corporation X9268 Datasheet HTML 3Page - Intersil Corporation X9268 Datasheet HTML 4Page - Intersil Corporation X9268 Datasheet HTML 5Page - Intersil Corporation X9268 Datasheet HTML 6Page - Intersil Corporation X9268 Datasheet HTML 7Page - Intersil Corporation X9268 Datasheet HTML 8Page - Intersil Corporation X9268 Datasheet HTML 9Page - Intersil Corporation X9268 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
FN8172.4
August 29, 2006
PRINCIPLES OF OPERATION
The X9268 is a integrated microcircuit incorporating
four resistor arrays and their associated registers and
counters and the serial interface logic providing direct
communication between the host and the digitally
controlled potentiometers. This section provides detail
description of the following:
– Resistor Array Description
– Serial Interface Description
– Instruction and Register Description.
Array Description
The X9268 is comprised of a resistor array (See
Figure 1). Each array contains 255 discrete resistive
segments that are connected in series. The physical
ends of each array are equivalent to the fixed
terminals of a mechanical potentiometer (RH and RL
inputs).
At both ends of each array and between each resistor
segment is a CMOS switch connected to the wiper
(RW) output. Within each individual array only one
switch may be turned on at a time.
These switches are controlled by a Wiper Counter
Register (WCR). The 8-bits of the WCR (WCR[7:0])
are decoded to select, and enable, one of 256
switches (See Table 1).
The WCR may be written directly. These Data
Registers can the WCR can be read and written by the
host system.
Power-up and Down Requirements.
At all times, the voltages on the potentiometer pins
must be less than V+ and more than V-. During power-
up and power-down, VCC, V+, and V- must reach their
final values within 1msecs of each other. The VCC
ramp rate spec is always in effect.
Figure 1. Detailed Potentiometer Block Diagram
SERIAL DATA PATH
FROM INTERFACE
CIRCUITRY
REGISTER 0
REGISTER 1
REGISTER 2
REGISTER 3
SERIAL
BUS
INPUT
PARALLEL
BUS
INPUT
COUNTER
REGISTER
INC/DEC
LOGIC
UP/DN
CLK
MODIFIED SCL
UP/DN
RH
RL
RW
8
8
C
O
U
N
T
E
R
D
E
C
O
D
E
IF WCR = 00[H] THEN RW = RL
IF WCR = FF[H] THEN RW = RH
WIPER
(WCR)
One of Two Potentiometers
(DR0)
(DR1)
(DR2)
(DR3)
X9268



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com