Electronic Components Datasheet Search
  English  ▼

X  

CPS43 Datasheet(PDF) 5 Page - Endress+Hauser Group Services AG

Part # CPS43
Description  Ceraliquid CPS42/CPS42D/CPS43
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS43 Datasheet(HTML) 5 Page - Endress+Hauser Group Services AG

  CPS43 Datasheet HTML 1Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 2Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Ceraliquid CPS42 / CPS42D / CPS43
Endress+Hauser
5
KCl consumption
Mechanical construction
Design, dimensions CPS42
a0003112-en
KCl consumption dependent on medium temperature
A
KCl consumption (ml/d)
B
Temperature (°C)
C
Temperature (°F)
1
800 mbar / 11.6 psi overpressure
2
400 mbar / 5.8 psi overpressure
3
100 mbar / 1.5 psi overpressure
a0003134-en
KCl consumption dependent on process pressure
A
KCl consumption (ml/d)
B
Overpressure to process (mbar)
C
Overpressure to process (psi)
1
Medium temperature 80 °C / 176 °F
2
Medium temperature 50 °C / 122 °F
3
Medium temperature 20 °C / 68 °F
1
2
3
B
A
020
40
60
80
100
0
4
8
12
16
32
68
104
140
176
212
C
1
2
3
A
B
0
4
8
12
16
200
100
400
600
800
1000
1.5 2.9
5.8
8.7
11.6
14.5
C
a0003387-en
Unifit H CPA441 with CPS42 with GSA plug-in head
1
KCl reservoir
2
Mounting device
3
CPS42 (shaft length: 225 mm / 5.91")
a0003388-en
CPS42 with ESA plug-in head for CPA441
1
TOP68 plug-in head Pg 13.5
2
Viton O-ring with thrust collar
3
KCl refilling
4
Inner metal lead
5
Ag/AgCl lead for the reference
6
Liquid KCl electrolyte
7
Ceramic diaphragm
8Platinum ring
1
2
3
Ø 80 / 3.15
mm / inch
1
4
5
7
8
3
6
2
12 / 0.47
mm / inch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com