Electronic Components Datasheet Search
  English  ▼

X  

CPS43 Datasheet(PDF) 1 Page - Endress+Hauser Group Services AG

Part # CPS43
Description  Ceraliquid CPS42/CPS42D/CPS43
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS43 Datasheet(HTML) 1 Page - Endress+Hauser Group Services AG

  CPS43 Datasheet HTML 1Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 2Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TI373C/07/en/05.05
51513589
Technical Information
Ceraliquid CPS42/CPS42D/CPS43
ORP electrodes, analog and digital with Memosens technology and
reference electrode
Each with ceramic diaphragm and liquid KCl electrolyte
Application
Media with very low conductivities or a high percentage of
organic solvents or alcohols:
• Food industry
• Biotechnology
• Laboratory measurements
• Power plants
Your benefits
• Liquid KCl electrolyte enabling use at very low conductivities
• Ceramic diaphragm with defined KCl flow
• Application under pressures of up to 10 bar / 145 psi with
counter pressure
• Resistant to poisoning thanks to separate reference lead
• Suitable for CIP / SIP cleaning
• Three lengths available: 120, 225 and 425 mm / 4.72, 8.86
and 16.73 inches
Further benefits offered by Memosens technology
• Maximum process safety through contactless inductive signal
transmission
• Data safety through digital data transmission
• Easy handling due to storage of sensor-specific data
• Predictive maintenance possible thanks to registration of
sensor load data
1 approval for digital sensors pending
0 WithATEX,FM1andCSA1approval
for application in hazardous areas


Similar Part No. - CPS43

ManufacturerPart #DatasheetDescription
logo
Endress+Hauser Group Se...
CPS41D EH-CPS41D Datasheet
411Kb / 16P
pH electrodes, digital with Memosens technology, and analog
CPS41E EH-CPS41E Datasheet
866Kb / 12P
pH sensor for process technology
2020-08-10
logo
DAICO Industries, Inc.
CPS42126 DAICO-CPS42126 Datasheet
184Kb / 1P
Phase Shifter 4 Section
CPS42127 DAICO-CPS42127 Datasheet
176Kb / 1P
Phase Shifter 4 Section
logo
Endress+Hauser Group Se...
CPS42E EH-CPS42E Datasheet
900Kb / 12P
ORP sensor for process technology
2021-01-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com