Electronic Components Datasheet Search
  English  ▼

X  

CPS43 Datasheet(PDF) 2 Page - Endress+Hauser Group Services AG

Part # CPS43
Description  Ceraliquid CPS42/CPS42D/CPS43
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS43 Datasheet(HTML) 2 Page - Endress+Hauser Group Services AG

  CPS43 Datasheet HTML 1Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 2Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Ceraliquid CPS42 / CPS42D / CPS43
2
Endress+Hauser
Function and system design
Measuring principle
Redox measurement
The redox potential is a unit of measurement for the state of equilibria between oxidising and reducing
components of a medium. Redox potential is measured similarly to the pH value. A platinum or gold electrode
is used instead of pH-sensitive membrane glass. Analog to the pH measurement, an integrated Ag/AgCl
reference system is used as a reference electrode.
General properties
• Application at low conductivity
Thanks to its liquid KCl electrolyte filling, the CPS42 can be applied at very low conductivities (
≥ 5µS/cm).
• Sterilisable
The electrode can be used in applications with steam sterilisation (max. 130 °C / 266 °F).
• Durability
The electrode can be applied under pressures of up to 10 bar /145 psi with counter pressure.
Important properties CPS42D
Maximum process safety
The inductive and non-contacting measured value transmission of Memosens guarantees maximum process
safety and offers the following benefits:
• All problems caused by moisture are eliminated.
– The plug-in connection is free from corrosion.
– Measured value distortion from moisture is not possible.
– The plug-in system can even be connected under water.
• The transmitter is galvanically decoupled from the medium. The result: No more need to ask about
"symmetrically high-impedance" or "unsymmetrical" or an impedance converter.
• EMC safety is guaranteed by screening measures for the digital measured value transmission.
Data safety through digital data transfer
The Memosens technology digitalizes the measured value in the sensor and transfers it to the transmitter via a
contactless connection. The result:
• An automatic error message is generated if the sensor fails or the connection between sensor and transmitter
is interrupted.
• The availability of the measuring point is dramatically increased by immediate error detection.
• The digital signals are suitable for application in hazardous areas; the integrated electronics are intrinsically
safe.
Easy handling
Sensors with Memosens technology have integrated electronics that allow for saving calibration data and
further information such as total hours of operation and operating hours at very high temperatures. When the
sensor is mounted, the calibration data are automatically transferred to the transmitter and used to calculate
the current redox potential. Storing the calibration data in the sensor allows for calibration and adjustment
away from the measuring point. The result:
• The sensors can be calibrated unter optimum external conditions in the measuring lab. Wind and weather
do neither affect the calibration quality nor the operator.
• The measuring point availability is dramatically increased by the quick and easy replacement of precalibrated
sensors.
• The transmitter does not need to be installed close to the measuring point but can be placed in the control
room.
• Maintenance intervals can be defined based on all stored sensor load and calibration data and predictive
maintenance is possible.
• The sensor history can be documented on external data carriers and evaluation programs at any time. Thus,
the current application of the sensors can be made to depend on their previous history.
Communication with the transmitter
Always connect the digital sensor to a digital transmitter with Memosens technology. Data transmission to an
analog transmitter is not possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com