Electronic Components Datasheet Search
  English  ▼

X  

CPS43 Datasheet(PDF) 8 Page - Endress+Hauser Group Services AG

Part # CPS43
Description  Ceraliquid CPS42/CPS42D/CPS43
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS43 Datasheet(HTML) 8 Page - Endress+Hauser Group Services AG

Back Button CPS43 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 9Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 10Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 11Page - Endress+Hauser Group Services AG CPS43 Datasheet HTML 12Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Ceraliquid CPS42 / CPS42D / CPS43
8
Endress+Hauser
Certificates and approvals
Ex approval CPS42 (ESA, ESS)
• ATEX II 2G EEX ia IIC T3/T4/T6
• FM Class I Div. 2, in combination with the Mypro CPM431 and Mycom S CPM153 transmitters
Ex approval CPS42D
• ATEX II 2G EEx ia IIC T3/T4/T6
•FMa / CSAa I Div. 2, in combination with the Liquiline M CM42 and Mycom S CPM153 transmitters
! Note!
Ex versions of digital sensors with Memosens technology are indicated by an orange-red ring in the plug-in
head.
Biocompatibility
Biocompatibility validated according to:
• ISO 10993-5:1993
• USP, current revision
TÜV certificate TOP68 and
Memosens plug-in heads
Pressure resistance 16 bar, min. triple overpressure safety
Electromagnetic compatibility
of CPS42D
Interference emission and interference immunity complies with EN 61326: 1997 / A1: 1998
Ordering information
Product structure CPS42
Product structure CPS42D
a)
approval pending
Electrode type
0
Standard version
Measuring element
PB
Platinum ring
Shaft length
2
120 mm / 4.72" (ESS and SSA plug-in heads only)
4
225 mm / 8.86" (ESA and GSA plug-in heads only)
Plug-in head
ESA
Plug-in head Pg 13.5, TOP68, 16 bar / 232 psi, Ex
ESS
Hose connection Pg 13.5, TOP68, 16 bar / 232 psi, Ex
GSA
Plug-in head Pg 13.5
SSA
Hose connection Pg 13.5
CPS42-
complete order code
Version
0
Basic version, max. 135 °C / 275 °F
Measuring element
PB
Platinum ring
Shaft length
2
120 mm / 4.72" (versions with KCl hose connection only)
4
225 mm / 8.86"
6
425 mm / 16.73" (versions with KCl hose connection only)
Electrolyte supply
A
Shaft hole KCl refilling, CPA441
B
KCl hose connection, CPY7
Approval
1
Non-hazardous areas
G
ATEX II 2G EEx ia IIC T3/T4/T6
CPS42D-
complete order code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com