Electronic Components Datasheet Search
  English  ▼

X  

CDC90 Datasheet(PDF) 11 Page - Endress+Hauser Group Services AG

Part # CDC90
Description  The smart system for automated measuring points
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CDC90 Datasheet(HTML) 11 Page - Endress+Hauser Group Services AG

Back Button CDC90 Datasheet HTML 7Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 8Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 9Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 10Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 11Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 12Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 13Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 14Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 15Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Liquiline Control CDC90
Endress+Hauser
11
Measuring ranges
→ Documentation of the connected sensor
Types of input
• Digital sensor inputs for sensors with Memosens protocol (Base-E module in the CDC90 control
unit )
• Digital inputs (DIO module in the CDC90 control unit)
• Digital inputs, Namur (pneumatic control unit)
• Analog inputs (AI module in the CDC90 control unit)
Input signal
Depending on version:
• Max. 2 x binary sensor signal
• Standard: 2 x 0/4 to 20 mA
• 0 to 30 V DC
Digital sensor inputs, passive
in the CDC90 control unit
Span
> 0 to 20 mA
Signal characteristic
Linear
Internal resistance
Non-linear
Test voltage
500 V
Digital inputs, passive in the
CDC90 control unit
Electrical specification
• drawing power (passive)
• Galvanically isolated
Span
• High: 11 to 30 V DC
• Low: 0 to 5 V DC
Nominal input current
max. 8 mA
PFM function
Minimum pulse width: 500 µs (1 kHz)
Test voltage
500 V
Cable specification
Max. 2.5 mm2 (14 AWG)
Digital inputs, passive in
pneumatic control unit
Span
• High: 11 to 30 V DC
• Low: 0 to 5 V DC
Nominal input current
max. 8 mA
Cable specification
Max. 2.5 mm2 (14 AWG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com