Electronic Components Datasheet Search
  English  ▼

X  

CDC90 Datasheet(PDF) 16 Page - Endress+Hauser Group Services AG

Part # CDC90
Description  The smart system for automated measuring points
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CDC90 Datasheet(HTML) 16 Page - Endress+Hauser Group Services AG

Back Button CDC90 Datasheet HTML 12Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 13Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 14Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 15Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 16Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 17Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 18Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 19Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 20Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Liquiline Control CDC90
16
Endress+Hauser
Performance characteristics
Response time
Current outputs
t90 = max. 500 ms for an increase from 0 to 20 mA
Current inputs
t90 = max. 330 ms for an increase from 0 to 20 mA
Digital inputs and outputs
t90 = max. 330 ms for an increase from low to high
Reference temperature
25 °C (77 °F)
Measured error for sensor
inputs
→ Documentation of the connected sensor
Measured error for current
inputs and outputs
Typical measured errors:
< 20 µA (with current values < 4 mA)
< 50 µA (with current values 4 to 20 mA)
at 25 ˚C (77˚ F) each
Additional measured error depending on the temperature:
< 1.5 µA/K
Frequency tolerance of
digital inputs and outputs
≤ 1%
Resolution of current inputs
and outputs
< 5 µA
Repeatability
→ Documentation of the connected sensor
Environment
This device is for indoor use only.
Ambient temperature range
0 to 45˚C (32 to 113˚F)
Storage temperature
–20 to 70 °C (–4 to 158 °F)
Relative humidity
10 to 90 %, non-condensating
Operating height
Max. altitude above MSL
< 2000 m (< 6562 ft) above MSL
Degree of protection
CDC90 control unit
IP66/Type 4X
Pneumatic control unit
IP54/Type 12
Climate class
As per IEC 60654-1: B2
Electromagnetic
compatibility
Interference emission and interference immunity as per EN 61326-1:2013, Class A for Industry
Pollution degree
The product is suitable for pollution degree 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com