Electronic Components Datasheet Search
  English  ▼

X  

CDC90 Datasheet(PDF) 19 Page - Endress+Hauser Group Services AG

Part # CDC90
Description  The smart system for automated measuring points
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CDC90 Datasheet(HTML) 19 Page - Endress+Hauser Group Services AG

Back Button CDC90 Datasheet HTML 15Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 16Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 17Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 18Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 19Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 20Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 21Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 22Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 23Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Liquiline Control CDC90
Endress+Hauser
19
Dimensions of rinsing block
195 (7.68)
120 (4.72)
108 (4.25)
181 (7.13)
223.5 (8.80)
Ø
5,5 (0.22)
Ø
5,5 (0.22)
Ø
5,5 (0.22)
Ø
5,5 (0.22)
A0032267
 13
Dimensions of rinsing block PVDF, in mm (in)
149 (5.87)
132.5 (5.2)
A0033402
 14
Dimensions of changeover valve, 2nd measuring point in mm (in)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com