Electronic Components Datasheet Search
  English  ▼

X  

CDC90 Datasheet(PDF) 20 Page - Endress+Hauser Group Services AG

Part # CDC90
Description  The smart system for automated measuring points
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CDC90 Datasheet(HTML) 20 Page - Endress+Hauser Group Services AG

Back Button CDC90 Datasheet HTML 16Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 17Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 18Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 19Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 20Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 21Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 22Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 23Page - Endress+Hauser Group Services AG CDC90 Datasheet HTML 24Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Liquiline Control CDC90
20
Endress+Hauser
Dimensions of mounting plate
8 (0.31)
770 (30.31)
600 (23.62)
86 (3.39)
150 (6.00)
380 (15.00)
20 (0.79)
8 (0.31)
A0031946
 15
Dimensions of mounting plate in mm (in)
Weight
Device
Weight
Complete device on mounting plate
Approx. 52 kg (114.64 lbs)
CDC90 control unit
Approx. 2.1 kg (4.63 lbs) depending on the version
Pneumatic control unit painted
7.5 kg (16.53 lbs) (empty)
Pump canister unit
Approx. 1.5 kg (3.30 lbs)
Mounting plate (Trespa)
Approx. 10 kg (22 lbs)
Canister shelf
Approx. 3.2 kg (7.05 lbs)
SD card
Max. 5 g (0.17 oz)
Materials
Device
Material
CDC90 control unit
Module housing
PC (polycarbonate)
Soft keys
TPE (thermoplastic elastomers)
LED
POM
Cable mounting rail
Stainless steel 1.4301 (AISI 304)
Display glass
Plastic capacitive touchscreen
Cable glands
PA (polyamide) V0 as per UL94
M12 cable glands
PA (polyamide)
Housing seals
EPDM
Cable gland O-ring
EPDM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com