Electronic Components Datasheet Search
  English  ▼

X  

CPS72 Datasheet(PDF) 4 Page - Endress+Hauser Group Services AG

Part # CPS72
Description  ORP electrodes, analog and digital with Memosens technology
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS72 Datasheet(HTML) 4 Page - Endress+Hauser Group Services AG

  CPS72 Datasheet HTML 1Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 2Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CPS72/CPS72D
4
Input
Measured variables
ORP
Measuring range
Pay attention to the application conditions in the process.
Installation
Installation instructions
Do not install the electrodes upside down. The inclination angle must be at least 15° from the
horizontal. A smaller installation angle is not permitted as it could cause an air bubble to form,
preventing contact between the reference and the reference lead.
NOTICE
Before screwing in, make sure the threaded connection of the assembly is clean and runs
smoothly.
‣ Screw in the electrode finger-tight (3 Nm)! (Information valid only when installing in
Endress+Hauser assemblies.)
‣ Also pay attention to the installation instructions provided in the Operating Instructions of the
assembly used.
a0003686
Electrode installation; installation angle at least 15˚ from the horizontal
A
Permitted orientation
B
Forbidden orientation
ORP
-1500 to 1500 mV
Temperature:
-15 to 140 ˚C (5 to 284 ˚F)
0 to 135 ˚C (32 to 275 ˚F) for sensors with Ex approval and analog sensors
15°
15°
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com