Electronic Components Datasheet Search
  English  ▼

X  

CPS72 Datasheet(PDF) 5 Page - Endress+Hauser Group Services AG

Part # CPS72
Description  ORP electrodes, analog and digital with Memosens technology
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS72 Datasheet(HTML) 5 Page - Endress+Hauser Group Services AG

  CPS72 Datasheet HTML 1Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 2Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CPS72/CPS72D
5
Environment
Ambient temperature range
NOTICE
Risk of damage due to frost
‣ The sensor must not be used at temperatures below –15 ˚C (5 ˚F).
Storage temperature
0 to 50 ˚C (32 to 120 ˚F)
Degree of protection
Process
Process temperature range
Process pressure (absolute)
CAUTION
!
Sensor is exposed to pressure when used for longer periods under increased process pressure
Risk of injury due to glass breakage
‣ Do not apply too much heat to sensors of this type if they are being used under reduced process
pressure or under atmospheric pressure.
‣ Wear protective goggles and suitable gloves when handling this type of sensor.
Pressure-temperature
ratings
a0020349
Pressure-temperature ratings
Application
Hygienic and sterile applications, but also applications such as chromate reduction and chlorine
metering in swimming pools
NOTICE
Risk of damage to electrode
‣ Never use the electrode outside of the listed specifications!
IP 67:
GSA plug-in head (with closed connector system)
IP 68:
ESA plug-in head (1 m (3.3 ft) water column, 50 ˚C (120 ˚F), 168 h)
IP 68:
Memosens plug-in head (10 m (33 ft) water column, 25 ˚C (77 ˚F), 45 days, 1 M KCl)
-15 to 140 ˚C (5 to 284 ˚F)
-15 to 135 ˚C (5 to 275 ˚F) for sensors with Ex approval and analog sensors
0.8 to 11 bar (12 to 160 psi)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com