Electronic Components Datasheet Search
  English  ▼

X  

CPS72 Datasheet(PDF) 6 Page - Endress+Hauser Group Services AG

Part # CPS72
Description  ORP electrodes, analog and digital with Memosens technology
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS72 Datasheet(HTML) 6 Page - Endress+Hauser Group Services AG

Back Button CPS72 Datasheet HTML 2Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 9Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 10Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CPS72/CPS72D
6
Mechanical construction
Design, dimensions CPS72
Design, dimensions CPS72D
a0020432
CPS72 with GSA plug-in head, dimensions in mm (inch)
1
GSA electrode plug-in head, Pg 13.5
2
Viton O-ring with thrust collar
3
External reference lead with ion trap
4Diaphragm
5Ag wire
6
Platinum element
a0020433
CPS72 with ESA plug-in head, dimensions in mm (inch)
1
ESA electrode plug-in head, Pg 13.5
2
Viton O-ring with thrust collar
3
External reference lead with ion trap
4Diaphragm
5Ag wire
6
Platinum element
a0020434
CPS72D with Memosens plug-in head, dimensions in mm (inch)
1
Memosens plug-in head
2
Viton O-ring with thrust collar
3
External reference lead with ion trap
4
Temperature sensor
5Diaphragm
6Ag wire
7
Platinum element



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com