Electronic Components Datasheet Search
  English  ▼

X  

CPS72 Datasheet(PDF) 7 Page - Endress+Hauser Group Services AG

Part # CPS72
Description  ORP electrodes, analog and digital with Memosens technology
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS72 Datasheet(HTML) 7 Page - Endress+Hauser Group Services AG

Back Button CPS72 Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 9Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 10Page - Endress+Hauser Group Services AG CPS72 Datasheet HTML 11Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CPS72/CPS72D
7
Weight
0.1 kg (0.22 lbs)
Materials
Process connection
Pg 13.5
Temperature sensor
Plug-in heads
Reference system
Ag/AgCl reference lead with gel, acrylamide-free bridging electrolyte, non-cytotoxic, AgCl-free, ion
trap
Certificates and approvals
Ex approval CPS72 (ESA) and
CPS72D
ATEX/NEPSI
• II 1G Ex ia IIC T3/T4/T6 Ga
FM/CSA
• IS/NI CL. I. Div 1, Group A-D
IECEx
• Ex ia IIC T3/T4/T6 Ga
Biocompatibility
Biocompatibility certified in accordance with:
• ISO 10993?5:1993
• USP <87>, agar diffusion test and decoloration test
TÜV certificate ESA and
Memosens plug-in head
Pressure resistance 16 bar (232 psi), process overpressure minimum three times the safety pressure
Electromagnetic
compatibility CPS72D
Interference emission and interference immunity as per EN 61326: 2006
Electrode shaft
Glass to suit process
Metal lead
Ag/AgCl
Junction
Ceramic, sterilizable and autoclavable
ORP-sensitive element
Platinum
Gel
Bridging electrolyte acrylamide-free, no cytotoxicity
In contact with medium polyacrylamide-free
CPS72D:
NTC 30K
CPS72:
ESA:
Threaded plug-in head Pg 13.5, TOP68, 16 bar (232 psi), Ex
GSA:
Threaded plug-in head Pg 13.5, non-Ex
CPS72D:
Memosens plug-in head for digital, non-contact data transmission, 16 bar (232 psi),
Ex or non-Ex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com