Electronic Components Datasheet Search
  English  ▼

X  

EE355 Datasheet(PDF) 4 Page - E+E Elektronik Ges.m.b.H

Part # EE355
Description  Dew Point Sensor down to -60 °C Td (-76 °F Td)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE355 Datasheet(HTML) 4 Page - E+E Elektronik Ges.m.b.H

  EE355 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Datasheet EE355
v2.3 / Modification rights reserved | 4
Dimensions
Values in mm (inch)
ISO
G1/2"
AF27
AF22 (SAE wrench 7/8")
17
14
140 (5.5)
77 (3)
74 (2.9)
G 1/2"
1/2" NPT
92 ( 3.6)
89 (3.5)
34 (1.34)
(0.55)
140 (5.5)
(0.67)
34 (1.34)
NPT
1/2"
AF27
AF22 (SAE wrench 7/8")
17
14
140 (5.5)
77 (3)
74 (2.9)
G 1/2"
1/2" NPT
92 ( 3.6)
89 (3.5)
34 (1.34)
(0.55)
140 (5.5)
(0.67)
34 (1.34)
Technical Data
Measurands
Dew Point Temperature (Td)
Measuring range
-60...60 °C Td (-76...140 °F Td)
Accuracy1)
Temperature of medium [°C]
80
60
40
20
0
-20
-40
-60
-80
0
10
20
30
40
50
60
-10
-20
-30
-40
80
60
40
20
0
-20
-40
-60
-80
0
10
20
30
40
-10
-20
-30
-40
60
50
Accuracy not specified
Accuracy: ≤±2°C Td
Response time t90
< 5 min for step -20 °C Td ( -4 °F Td) → -60 °C Td ( -76 °F Td)
< 15 s for step -60 °C Td ( -76 °F Td) → -20 °C Td ( -4 °F Td)
1) Traceable to intern. standards, administrated by NIST, PTB, BEV,...
The accuracy statement includes the uncertainty of the factory calibration with an enhancement factor k=2 (2-times standard deviation). The
accuracy was calculated in accordance with EA-4/02 and with regard to GUM (Guide to the Expression of Uncertainty in Measurement).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com