Electronic Components Datasheet Search
  English  ▼

X  

EE355 Datasheet(PDF) 3 Page - E+E Elektronik Ges.m.b.H

Part # EE355
Description  Dew Point Sensor down to -60 °C Td (-76 °F Td)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE355 Datasheet(HTML) 3 Page - E+E Elektronik Ges.m.b.H

  EE355 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Datasheet EE355
v2.3 / Modification rights reserved | 3
Features
Inspection certificate
According to DIN EN 10204-3.1
Enclosure
▪ Protection rating IP65
▪ Stainless steel 1.4404
Outputs
▪ Current output 4 - 20 mA, wide scaling range
▪ Modbus RTU
▪ Industrial M12x1 connector
Measurement performance
▪ Dew point, frost point,
volume concentration
▪ E+E sensing element
with auto-calibration
▪ Dew point measurement
range
-60...+60 °C (-76...+140 °F)
▪ Accuracy ±2 °C (±3.6 °F)
▪ Wettable
Process connection
▪ Stainless steel
▪ G 1/2" ISO or 1/2" NPT
▪ Pressure rating 80 bar (1 160 psi)
Configurable and adjustable
▪ Service interface
▪ Free configuration software



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com