Electronic Components Datasheet Search
  English  ▼

X  

EE355 Datasheet(PDF) 2 Page - E+E Elektronik Ges.m.b.H

Part # EE355
Description  Dew Point Sensor down to -60 °C Td (-76 °F Td)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE355 Datasheet(HTML) 2 Page - E+E Elektronik Ges.m.b.H

  EE355 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Datasheet EE355
v2.3 / Modification rights reserved | 2
EE355
The compact EE355 sensor measures dew point temperature (Td) down to -60 °C (-76 °F) at pressure up to 80 bar (1 160
psi). Besides Td, the sensor supplies also frost point temperature (Tf) and volume concentration (Wv) data and is ideal for
monitoring compressed air networks and industrial drying processes.
Functionality and Reliability
The small size, robust stainless steel enclosure and wettable sensing element, together with various process connections
and accessories lead to best performance even in challenging measurement tasks.
Measurement Performance
The measurement accuracy better than ±2 °C (±3.6 °F) Td rests on a sophisticated auto-calibration procedure. The
excellent long term stability and resistance against pollutants minimize the EE355 maintenance needs.
Analogue and Digital Outputs
The Td, Tf and Wv measured data is available on the 4 - 20 mA analogue output and on the RS485 interface with Modbus
RTU protocol. The wide scaling range of the analogue output simplifies the EE355 implementation in existing monitoring
and control systems.
User Configurable and Adjustable
The free EE-PCS Product Configuration Software together with an optional adapter cable facilitates the configuration and
adjustment of the EE355.
Dew Point Sensor down to -60 °C Td (-76 °F Td)
EE355 - ISO
EE355 - NPT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com