Electronic Components Datasheet Search
  English  ▼

X  

EE355 Datasheet(PDF) 7 Page - E+E Elektronik Ges.m.b.H

Part # EE355
Description  Dew Point Sensor down to -60 °C Td (-76 °F Td)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE355 Datasheet(HTML) 7 Page - E+E Elektronik Ges.m.b.H

  EE355 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE355 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Datasheet EE355
v2.3 / Modification rights reserved | 7
Feature
Description
Code
EE355-
Process connection
G 1/2" ISO thread
PA1
1/2" NPT thread
PA2
Accessories
No accessories
AC0
Socket assembled straight
AC2
Output 1 measurand
Dew point temperature Td [°C]
No code
Dew point temperature Td [°F]
MA53
Frost point temperature Tf [°C] (for Td > 0 °C output is Td)
MA65
Frost point temperature Tf [°F] (for Td > 32 °F output is Td)
MA66
Volume fraction of water vapour Wv [ppm]
MA75
Output 1 scaling low
-60
No code
Value
SALValue
Output 1 scaling high
60
No code
Value
SAHValue
Units (Modbus RTU)
Metric (SI)
No code
Non metric (US/GB)
U2
Ordering Guide
Order Example
EE355-PA1AC0SAH20
Feature
Code
Description
Process connection
PA1
G 1/2” ISO thread
Accessories
AC0
No accessories
Output 1 measurand
No code
Dew point temperature Td [°C]
Output 1 scaling low
No code
-60 °C
Output 1 scaling high
SAH20
20 °C
Units (Modbus RTU)
No code
Metric (SI)
Accessories
Description
Code
Connection Cable M12x1 Socket 5 Poles / Free Cable Ends
1.5 m (4.9 ft)
5 m (16.4 ft)
10 m (32.8 ft)
HA010819
HA010820
HA010821
Modbus Configuration Adapter
HA011013
Sampling cell G 1/2" with quick connector
HA050102
Sampling cell NPT with bleed screw
HA050107
Sampling cell G 1/2" for atmospheric dew point
HA050106
Basic sampling cell G 1/2"
HA050103
Basic sampling cell NPT
HA050105
For further information see datasheet Accessories.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com