Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 45 Page - Texas Instruments

Back Button ADS5546 Datasheet HTML 41Page - Texas Instruments ADS5546 Datasheet HTML 42Page - Texas Instruments ADS5546 Datasheet HTML 43Page - Texas Instruments ADS5546 Datasheet HTML 44Page - Texas Instruments ADS5546 Datasheet HTML 45Page - Texas Instruments ADS5546 Datasheet HTML 46Page - Texas Instruments ADS5546 Datasheet HTML 47Page - Texas Instruments ADS5546 Datasheet HTML 48Page - Texas Instruments ADS5546 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
www.ti.com
Board Design Considerations
Grounding
Supply Decoupling
Series Resistors on Data Outputs
Exposed Thermal Pad
ADS5527
SLWS196A – DECEMBER 2006 – REVISED MAY 2007
A single ground plane is sufficient to give good performance, provided the analog, digital and clock sections of
the board are cleanly partitioned. Refer to the EVM User Guide (SLWU028) for details on layout and grounding.
As the ADS5527 already includes internal decoupling, minimal external decoupling can be used without loss in
performance. Note that decoupling capacitors can help to filter external power supply noise, so the optimum
number of capacitors would depend on the actual application. The decoupling capacitors should be placed very
close to the converter supply pins.
It is recommended to use separate supplies for the analog and digital supply pins to isolate digital switching
noise from sensitive analog circuitry. In case only a single 3.3V supply is available, it should be routed first to
AVDD. It can then be tapped and isolated with a ferrite bead (or inductor) with decoupling capacitor, before
being routed to DRVDD.
It is recommended to put series resistors (50 to 100
Ω) on each output line placed very close to the converter
pins. This helps to isolate the outputs from seeing large load capacitances and in turn reduces the amount of
switching noise.
It is necessary to solder the exposed pad at the bottom of the package to a ground plane for best thermal
performance. For detailed information, see application notes QFN Layout Guidelines (SLOA122) and
QFN/SON PCB Attachment (SLUA271).
45
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com