Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS5546 Datasheet HTML 4Page - Texas Instruments ADS5546 Datasheet HTML 5Page - Texas Instruments ADS5546 Datasheet HTML 6Page - Texas Instruments ADS5546 Datasheet HTML 7Page - Texas Instruments ADS5546 Datasheet HTML 8Page - Texas Instruments ADS5546 Datasheet HTML 9Page - Texas Instruments ADS5546 Datasheet HTML 10Page - Texas Instruments ADS5546 Datasheet HTML 11Page - Texas Instruments ADS5546 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
www.ti.com
ADS5527
SLWS196A – DECEMBER 2006 – REVISED MAY 2007
TIMING CHARACTERISTICS – LVDS AND CMOS MODES (continued)
For timings at lower sampling frequencies, see the Output Timing section in the APPLICATION INFORMATION of this data
sheet.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input clock rising edge zero-cross to
tPDI
Clock propagation delay(7)
3.7
4.4
5.1
ns
output clock rising edge zero-cross
Duty cycle of differential clock,
LVDS bit clock duty cycle
(CLKOUTP-CLKOUTM)
45%
50%
55%
80
≤ Fs ≤ 210 MSPS
Rise time measured from –50 mV to 50
tr ,
Data rise time,
mV
50
100
200
ps
tf
Data fall time
Fall time measured from 50 mV to –50 mV
1
≤ Fs ≤ 210 MSPS
Rise time measured from –50 mV to 50
tCLKRISE,
Output clock rise time,
mV
50
100
200
ps
tCLKFALL
Output clock fall time
Fall time measured from 50 mV to –50 mV
1
≤ Fs ≤ 210 MSPS
Output clock jitter
Cycle-to-cycle jitter
120
ps pp
Output enable (OE) to valid data
Time to valid data after OE becomes
tOE
1
µs
delay
active
PARALLEL CMOS MODE
Data valid(8) to 50% of CLKOUT rising
ns
tsu
Data setup time (5)
1.8
2.6
edge
50% of CLKOUT rising edge to data
th
Data hold time (9)
0.4
0.8
ns
becoming invalid(10)
Input clock rising edge zero-cross to 50%
tPDI
Clock propagation delay(11)
2.6
3.4
4.2
ns
of CLKOUT rising edge
Duty cycle of output clock (CLKOUT)
Output clock duty cycle
45%
80
≤ Fs ≤ 210 MSPS
Rise time measured from 20% to 80% of
DRVDD
tr ,
Data rise time,
Fall time measured from 80% to 20% of
0.8
1.5
2.0
ns
tf
Data fall time
DRVDD
1
≤ Fs ≤ 210 MSPS
Rise time measured from 20% to 80% of
DRVDD
tCLKRISE,
Output clock rise time,
Fall time measured from 80% to 20% of
0.4
0.8
1.2
ns
tCLKFALL
Output clock fall time
DRVDD
1
≤ Fs ≤ 210 MSPS
Output enable (OE) to valid data
Time to valid data after OE becomes
tOE
50
ns
delay
active
(7)
To use the input clock as the data capture clock, it is necessary to delay the input clock by a delay (tD) to get the desired setup and hold
times. Use either of these equations to calculate tD:
Desired setup time = tD - (tPDI - tsu )
Desired hold time = (tPDI + th ) - tD
(8)
Data valid refers to logic high of 2 V and logic low of 0.8 V
(9)
Setup and hold time specifications take into account the effect of jitter on the output data and clock. These specifications also assume
that the data and clock paths are perfectly matched within the receiver. Any mismatch in these paths within the receiver would appear
as reduced timing margin.
(10) Data valid refers to logic high of 2 V and logic low of 0.8 V
(11) To use the input clock as the data capture clock, it is necessary to delay the input clock by a delay (tD) to get the desired setup and hold
times. Use either of these equations to calculate tD:
Desired setup time = tD - (tPDI - tsu )
Desired hold time = (tPDI + th ) - tD
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com