Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 1 Page - Texas Instruments

  ADS5546 Datasheet HTML 1Page - Texas Instruments ADS5546 Datasheet HTML 2Page - Texas Instruments ADS5546 Datasheet HTML 3Page - Texas Instruments ADS5546 Datasheet HTML 4Page - Texas Instruments ADS5546 Datasheet HTML 5Page - Texas Instruments ADS5546 Datasheet HTML 6Page - Texas Instruments ADS5546 Datasheet HTML 7Page - Texas Instruments ADS5546 Datasheet HTML 8Page - Texas Instruments ADS5546 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
ADS5527
SLWS196A – DECEMBER 2006 – REVISED MAY 2007
12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
• Maximum Sample Rate: 210 MSPS
ADS5527 is a high performance 12-bit, 210-MSPS
A/D converter. It offers state-of-the art functionality
• 12-Bit Resolution
and performance using advanced techniques to
• No Missing Codes
minimize board space. With high analog bandwidth
• Total Power Dissipation 1.23 W
and low jitter input clock buffer, the ADC supports
• Internal Sample and Hold
both high SNR and high SFDR at high input
frequencies. It features programmable gain options
• 70.5-dBFS SNR at 70-MHz IF
that can be used to improve SFDR performance at
• 84-dBc SFDR at 70-MHz IF, 0-dB gain
lower full-scale analog input ranges.
• High Analog Bandwith up to 800 MHz
In a compact 48-pin QFN, the device offers fully
• Double Data Rate (DDR) LVDS and Parallel
differential LVDS DDR (Double Data Rate) interface
CMOS Output Options
while parallel CMOS outputs can also be selected.
Flexible output clock position programmability is
• Programmable Gain up to 6 dB for SNR/SFDR
available to ease capture and trade-off setup for hold
Trade-Off at High IF
times. At lower sampling rates, the ADC can be
• Reduced Power Modes at Lower Sample
operated at scaled down power with no loss in
Rates
performance. The ADS5527 includes an internal
• Supports Input Clock Amplitude Down to
reference, while eliminating the traditional reference
400 mVPP
pins and associated external decoupling. The device
also supports an external reference mode.
• Clock Duty Cycle Stabilizer
The
device
is
specified
over
the
industrial
• No External Reference Decoupling Required
temperature range (-40
°C to 85°C).
• Internal and External Reference Support
• Programmable Output Clock Position to Ease
ADS5527 PRODUCT FAMILY
Data Capture
210 MSPS
190 MSPS
170 MSPS
• 3.3-V Analog and Digital Supply
14 bit
ADS5547
ADS5546
ADS5545
• 48-QFN Package (7 mm × 7 mm)
12 bit
ADS5527
-
ADS5525
• Wireless Communications Infrastructure
• Software Defined Radio
• Power Amplifier Linearization
• 802.16d/e
• Test and Measurement Instrumentation
• High Definition Video
• Medical Imaging
• Radar Systems
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5546

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5546 TI-ADS5546 Datasheet
1Mb / 50P
14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5546 TI-ADS5546 Datasheet
1Mb / 57P
14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5546 TI-ADS5546 Datasheet
1Mb / 54P
11-BIT, 200 MSPS ADC
ADS5546IRGZR TI-ADS5546IRGZR Datasheet
1Mb / 50P
14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5546IRGZRG4 TI-ADS5546IRGZRG4 Datasheet
1Mb / 50P
14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS5546

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5525 TI-ADS5525 Datasheet
806Kb / 48P
12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49_1 Datasheet
2Mb / 77P
Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS5525 TI1-ADS5525_14 Datasheet
2Mb / 59P
12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI1-ADS5545_13 Datasheet
2Mb / 59P
14-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com