Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS5546 Datasheet HTML 23Page - Texas Instruments ADS5546 Datasheet HTML 24Page - Texas Instruments ADS5546 Datasheet HTML 25Page - Texas Instruments ADS5546 Datasheet HTML 26Page - Texas Instruments ADS5546 Datasheet HTML 27Page - Texas Instruments ADS5546 Datasheet HTML 28Page - Texas Instruments ADS5546 Datasheet HTML 29Page - Texas Instruments ADS5546 Datasheet HTML 30Page - Texas Instruments ADS5546 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
www.ti.com
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
0
100
60
10
40
30
20
80
70
50
90
SFDR=70.96dBc,
SNR=67.31dBFS,
SINAD=64.4dBFS
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
0
100
60
10
40
30
20
80
70
50
90
SFDR=65.51dBc,
SNR=65.17dBFS,
SINAD=60.97dBFS
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
0
f
=50MHz,-7dBFS,
f
2-ToneIMD,91
IN1
IN2 =46MHz,-7dBFS,
SFDR=94.5dBFS,
.1dBFS
100
60
10
40
30
20
80
70
50
90
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
0
f
=190.1MHz,-7dBFS,
f
2-ToneIMD,86
IN1
IN2 =185MHz,-7dBFS,
SFDR=91dBFS,
.5dBFS
100
60
10
40
30
20
80
70
50
90
f
− InputFrequency − MHz
IN
66
69
70
71
0
50
100
150
200
250
300
350
400
73
72
67
68
65
LVDSMode
62
f
InputFrequency
MHz
IN -
-
86
82
78
74
70
66
0
400
250
50
200
150
100
350
300
90
ADS5527
SLWS196A – DECEMBER 2006 – REVISED MAY 2007
TYPICAL CHARACTERISTICS (continued)
All plots are at 25
°C, AVDD = DRVDD = 3.3 V, sampling frequency = 210 MSPS, sine wave input clock, 1.5 V
PP differential
clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, 0 dB gain, DDR LVDS
data output (unless otherwise noted)
FFT for 400 MHz INPUT SIGNAL
FFT for 600 MHz INPUT SIGNAL
Figure 15.
Figure 16.
INTERMODULATION DISTORTION (IMD) vs FREQUENCY
INTERMODULATION DISTORTION (IMD) vs FREQUENCY
Figure 17.
Figure 18.
SFDR vs INPUT FREQUENCY
SNR vs INPUT FREQUENCY
Figure 19.
Figure 20.
27
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com