Electronic Components Datasheet Search
  English  ▼

X  

CDCL6010 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL6010
Description  1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCL6010 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCL6010 Datasheet HTML 5Page - Texas Instruments CDCL6010 Datasheet HTML 6Page - Texas Instruments CDCL6010 Datasheet HTML 7Page - Texas Instruments CDCL6010 Datasheet HTML 8Page - Texas Instruments CDCL6010 Datasheet HTML 9Page - Texas Instruments CDCL6010 Datasheet HTML 10Page - Texas Instruments CDCL6010 Datasheet HTML 11Page - Texas Instruments CDCL6010 Datasheet HTML 12Page - Texas Instruments CDCL6010 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
-250
-200
-150
-100
-50
0
50
100
150
200
250
0
0.5
1
1.5
2
t-Time-ns
-300
-200
-100
0
100
200
300
0
10
20
30
40
50
t-Time-ns
-160
-150
-140
-130
-120
-110
-100
-90
-80
10
100
1k
OffsetFrequency-Hz
10k
100k
1M
10M
100M
CDCL6010
SLLS780 – FEBRUARY 2007
Typical operating conditions are at V
DD = 1.8V and TA = +25°C, VD,IN = 200mVPP (unless otherwise noted).
TRANSIENT PERFORMANCE:
TRANSIENT PERFORMANCE:
FIN = 30.72MHz, FOUT = 61.44MHz
FIN = 250MHz, FOUT = 1.25GHz
Figure 1.
Figure 2.
PHASE NOISE: FIN = 30.72MHz, FOUT = 61.44MHz
Figure 3.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com