Electronic Components Datasheet Search
  English  ▼

X  

CDCL6010 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL6010
Description  1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCL6010 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCL6010 Datasheet HTML 7Page - Texas Instruments CDCL6010 Datasheet HTML 8Page - Texas Instruments CDCL6010 Datasheet HTML 9Page - Texas Instruments CDCL6010 Datasheet HTML 10Page - Texas Instruments CDCL6010 Datasheet HTML 11Page - Texas Instruments CDCL6010 Datasheet HTML 12Page - Texas Instruments CDCL6010 Datasheet HTML 13Page - Texas Instruments CDCL6010 Datasheet HTML 14Page - Texas Instruments CDCL6010 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
www.ti.com
SDA/SCL Timing Characteristics
SCL
SDA
t
(BUS)
t
SU(SDATA)
t
(SDATA)
h
t
r(SM)
t
r(SM)
t
f(SM)
t
f(SM)
t
w(SCLH)
V
IH(SM)
V
IH(SM)
V
IL(SM)
V
IL(SM)
P
S
Bit7(MSB)
Bit0(LSB)
Bit6
A
P
t
SU(STOP)
t
(START)
h
t
SU(START)
t
w(SCLL)
SDA/SCL Programming Sequence
1
7
1
1
8
1
1
S
SlaveAddress
DataByte
Wr A
A
P
S
Sr
Rd
Wr
A
N
P
Startcondition
Repeatedstartcondition
Read(bitvalue=1)
Write(bitvalue=0)
Acknowledge(bitvalue=0)
Notacknowledge(bitvalue=1)
Stopcondition
MastertoSlavetransmission
SlavetoMastertransmission
CDCL6010
SLLS780 – FEBRUARY 2007
Figure 4. Timing Diagram for the SDA/SCL Serial Control Interface
LEGEND FOR PROGRAMMING SEQUENCE
Byte Write Programming Sequence:
1
7
1
1
8
1
8
1
1
S
Slave Address
Wr
A
Command Code
A
Data Byte
A
P
Byte Read Programming Sequence:
1
7
1
1
8
1
1
7
1
1
8
1
1
Wr
Command
S
Slave Address
A
A
S
Slave Address
Rd
A
Data Byte
N
P
Code
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com