Electronic Components Datasheet Search
  English  ▼

X  

CDCL6010 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL6010
Description  1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCL6010 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCL6010 Datasheet HTML 6Page - Texas Instruments CDCL6010 Datasheet HTML 7Page - Texas Instruments CDCL6010 Datasheet HTML 8Page - Texas Instruments CDCL6010 Datasheet HTML 9Page - Texas Instruments CDCL6010 Datasheet HTML 10Page - Texas Instruments CDCL6010 Datasheet HTML 11Page - Texas Instruments CDCL6010 Datasheet HTML 12Page - Texas Instruments CDCL6010 Datasheet HTML 13Page - Texas Instruments CDCL6010 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
www.ti.com
SDA/SCL INTERFACE
SDA/SCL Bus Slave Device Address
Command Code Definition
CDCL6010
SLLS780 – FEBRUARY 2007
This section describes the SDA/SCL interface of the
The device address is made up of the fixed internal
CDCL6010 device. The CDCL6010 operates as a
address, 11010 (A6:A2), and configurable external
slave device of the industry standard 2-pin SDA/SCL
pins ADD1 (A1) and ADD0 (A0). Four different
bus. It operates in the fast-mode at a bit-rate of up to
devices with addresses 1101000, 1101001, 1101010
400kbit/s and supports 7-bit addressing compatible
and 1101011, can be addressed via the same
with the popular two-pin serial interface standard.
SDA/SCL bus interface. The least significant bit of
the
address
byte
designates
a
write
or
read
operation.
A6
A5
A4
A3
A2
A1
A0
R/W
R/W Bit:
1
1
0
1
0
ADD1
ADD0
0/1
0 = Write to CDCL6010 device
1 = Read from CDCL6010 device
BIT
DESCRIPTION
C7
1 = Byte Write / Read or Word Write / Read operation
(C6:C0)
Byte Offset for Byte Write / Read and Word Write / Read operation.
Command Code for Byte Write / Read
Hex
Operation
Code
C7
C6
C5
C4
C3
C2
C1
C0
Byte 0
80h
1
0
0
0
0
0
0
0
Byte 1
81h
1
0
0
0
0
0
0
1
Byte 2
82h
1
0
0
0
0
0
1
0
Byte 3
83h
1
0
0
0
0
0
1
1
Byte 4
84h
1
0
0
0
0
1
0
0
Byte 5
85h
1
0
0
0
0
1
0
1
Byte 6
86h
1
0
0
0
0
1
1
0
Byte 7
87h
1
0
0
0
0
1
1
1
Command Code for Word Write / Read
Hex
Operation
Code
C7
C6
C5
C4
C3
C2
C1
C0
Word 0: Byte 0 and byte 1
80h
1
0
0
0
0
0
0
0
Word 1: Byte 1 and byte 2
81h
1
0
0
0
0
0
0
1
Word 2: Byte 2 and byte 3
82h
1
0
0
0
0
0
1
0
Word 3: Byte 3 and byte 4
83h
1
0
0
0
0
0
1
1
Word 4: Byte 4 and byte 5
84h
1
0
0
0
0
1
0
0
Word 5: Byte 5 and byte 6
85h
1
0
0
0
0
1
0
1
Word 6: Byte 6 and byte 7
86h
1
0
0
0
0
1
1
0
Word 7: Byte 7
87h
1
0
0
0
0
1
1
1
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com