Electronic Components Datasheet Search
  English  ▼

X  

FP150R07N3E4 Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # FP150R07N3E4
Description  IGBT Modules
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FP150R07N3E4 Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  FP150R07N3E4 Datasheet HTML 1Page - Inchange Semiconductor Company Limited FP150R07N3E4 Datasheet HTML 2Page - Inchange Semiconductor Company Limited FP150R07N3E4 Datasheet HTML 3Page - Inchange Semiconductor Company Limited FP150R07N3E4 Datasheet HTML 4Page - Inchange Semiconductor Company Limited FP150R07N3E4 Datasheet HTML 5Page - Inchange Semiconductor Company Limited FP150R07N3E4 Datasheet HTML 6Page - Inchange Semiconductor Company Limited FP150R07N3E4 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ISGM2047
eq FP150R07N3E4
IGBT Modules
www.iscsemi.com
3
DIODE, RECTIFIER
MAXIMUM RATED VALUES (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
1800
V
IFAV
Forward Current per Diode
100
A
IFSM
Surge Forward Current@tp = 10 ms, half sine wave
TJ = 25°C
960
A
TJ
Operating Junction Temperature
-40-150
℃
IGBT, BRAKE-CHOPPER
MAXIMUM RATED VALUES(TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
650
V
VGES
Gate-Emitter Voltage
±
30
V
IC
Collector Current-Continuous
@ TC= 80℃
100
A
ICM
Repetitive Peak Collect Current@tp = 1 ms
200
A
Ptot
Total Power Dissipation ,
TC= 25℃
330
W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCES
Collector-Emitter
Breakdown
Voltage
VGE=0, IC= 0.25mA
650
-
-
V
VGE(TH)
Gate-Emitter Threshold Voltage
VGE= VCE, IC= 1.6mA
5.2
-
6.6
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 150A, VCE= 15V,
TC= 25℃
-
1.9
2.25
V
IC= 150A, VCE= 15V,
TC= 125℃
-
2.4
-
V
ICES
Zero Gate Voltage Collector Current
VCE= 650V, VGE=0
-
-
1.0
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com