Electronic Components Datasheet Search
  English  ▼

X  

FP150R07N3E4 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # FP150R07N3E4
Description  IGBT Modules
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FP150R07N3E4 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  FP150R07N3E4 Datasheet HTML 1Page - Inchange Semiconductor Company Limited FP150R07N3E4 Datasheet HTML 2Page - Inchange Semiconductor Company Limited FP150R07N3E4 Datasheet HTML 3Page - Inchange Semiconductor Company Limited FP150R07N3E4 Datasheet HTML 4Page - Inchange Semiconductor Company Limited FP150R07N3E4 Datasheet HTML 5Page - Inchange Semiconductor Company Limited FP150R07N3E4 Datasheet HTML 6Page - Inchange Semiconductor Company Limited FP150R07N3E4 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ISGM2047
eq FP150R07N3E4
IGBT Modules
www.iscsemi.com
1
FEATURES
· Trench Field Stop technology
· Free wheeling diodes with fast and soft
reverse recovery
· Industrial standard package with copper
base plate
APPLICATIONS
· Motor Drives ,Motion / Servo Drives
· Inverter and Power supplies
IGBT, INVERTER
MAXIMUM RATED VALUES(TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
650
V
VGES
Gate-Emitter Voltage
±
30
V
IC
Collector Current-Continuous
@ TC= 80℃
150
A
ICM
Repetitive Peak Collect Current @tp = 1 ms
300
A
Ptot
Total Power Dissipation ,
TC=25℃
430
W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCES
Collector-Emitter Breakdown Voltage VGE=0, IC= 0.25mA
650
-
-
V
VGE(TH)
Gate-Emitter Threshold Voltage
VGE= VCE, IC= 2.6mA
5.2
-
6.6
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 150A, VCE= 15V,
TC= 25℃
-
1.90
1.95
V
IC= 150A, VCE= 15V,
TC= 125℃
-
2.4
-
V
ICES
Zero Gate Voltage Collector Current
VCE= 650V, VGE=0
-
-
1.0
mA
IGES
Gate-Emitter Leakage Current
VGE= VGES, VCE=0
-
-
±500
nA


Similar Part No. - FP150R07N3E4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP150R07N3E4 INFINEON-FP150R07N3E4 Datasheet
845Kb / 12P
EconoPIM3 Modul mit Trench
2013-11-05 revision:2.0
FP150R07N3E4_B11 INFINEON-FP150R07N3E4_B11 Datasheet
852Kb / 12P
EconoPIM3 Modul mit Trench
2013-11-05 revision:2.0
More results

Similar Description - FP150R07N3E4

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS25R12YT3 EUPEC-FS25R12YT3 Datasheet
320Kb / 8P
IGBT-modules
BSM100GB120DLCK EUPEC-BSM100GB120DLCK Datasheet
87Kb / 8P
IGBT-Modules
logo
Semikron International
SKM400GA123D SEMIKRON-SKM400GA123D_06 Datasheet
551Kb / 6P
IGBT Modules
SKIM220GD176D SEMIKRON-SKIM220GD176D Datasheet
1Mb / 4P
IGBT Modules
SKIM450GD126D SEMIKRON-SKIM450GD126D Datasheet
913Kb / 4P
IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
IGBT Modules
SKM50GB123D SEMIKRON-SKM50GB123D_06 Datasheet
769Kb / 5P
IGBT Modules
logo
eupec GmbH
FZ800R17KF6CB2 EUPEC-FZ800R17KF6CB2 Datasheet
118Kb / 9P
IGBT-Modules
FS15R06XL4 EUPEC-FS15R06XL4 Datasheet
209Kb / 9P
IGBT-Modules
logo
Infineon Technologies A...
F430R06W1E3 INFINEON-F430R06W1E3 Datasheet
793Kb / 9P
IGBT-modules
2013-03-04 revision:3.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com