Electronic Components Datasheet Search
  English  ▼

X  

FP150R07N3E4 Datasheet(PDF) 5 Page - Inchange Semiconductor Company Limited

Part # FP150R07N3E4
Description  IGBT Modules
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FP150R07N3E4 Datasheet(HTML) 5 Page - Inchange Semiconductor Company Limited

  FP150R07N3E4 Datasheet HTML 1Page - Inchange Semiconductor Company Limited FP150R07N3E4 Datasheet HTML 2Page - Inchange Semiconductor Company Limited FP150R07N3E4 Datasheet HTML 3Page - Inchange Semiconductor Company Limited FP150R07N3E4 Datasheet HTML 4Page - Inchange Semiconductor Company Limited FP150R07N3E4 Datasheet HTML 5Page - Inchange Semiconductor Company Limited FP150R07N3E4 Datasheet HTML 6Page - Inchange Semiconductor Company Limited FP150R07N3E4 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ISGM2047
eq FP150R07N3E4
IGBT Modules
www.iscsemi.com
5
trr
Diode Reverse Recovery Time
VR= 300V, IF= 50A,
-diF/dt=2100A/us,
VGE = 15 V
TJ= 25℃
-
75
-
ns
IRM
Peak Reverse recovery current
-
50
-
A
Qrr
Reverse Recovery Charge
-
1.7
-
uC
Err
Reverse Recovery Energy
-
2.0
-
mJ
NTC-THERMISTOR
ELECTRICAL CHARACTERIS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
R25
Ratedresistance
TC=25℃
-
5
-
kΩ
ΔR/R
Deviation of R100
Deviation of R100
-5
-
5
%
P25
Power Dissipation
Power Dissipation
-
-
20
mW
B25/50
B-Value
R2 = R25exp[B25/50(1/T2-1/(298.15K))]
-
3375
-
k
B25/80
R2 = R25exp[B25/80(1/T2-1/(298.15K))]
-
3411
-
k
B25/100
R2 = R25exp[B25/100(1/T2-1/(298.15K))]
-
3433
-
k
MODULE
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
Viso
Isolation Voltage (All Terminals Shorted)
2500
-
-
V
Tstg
Storage Temperature
-40
-
125
℃
RθCH
Thermal Resistance,Case to Heatsink
-
0.009
-
℃
/W
Rθjc
Thermal Resistance,Junction-to-Case
-
-
3.6
℃
/W
G
Weight
--
300
--
g



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com