Electronic Components Datasheet Search
  English  ▼

X  

LOG114 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # LOG114
Description  Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

LOG114 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button LOG114 Datasheet HTML 4Page - Burr-Brown (TI) LOG114 Datasheet HTML 5Page - Burr-Brown (TI) LOG114 Datasheet HTML 6Page - Burr-Brown (TI) LOG114 Datasheet HTML 7Page - Burr-Brown (TI) LOG114 Datasheet HTML 8Page - Burr-Brown (TI) LOG114 Datasheet HTML 9Page - Burr-Brown (TI) LOG114 Datasheet HTML 10Page - Burr-Brown (TI) LOG114 Datasheet HTML 11Page - Burr-Brown (TI) LOG114 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LOG114
SBOS301A − MAY 2004 − REVISED MARCH 2007
www.ti.com
8
TYPICAL CHARACTERISTICS: VS = +5V (continued)
All specifications at TA = +25°C, RVLOGOUT = 10kΩ, VCM = GND, unless otherwise noted.
100
80
60
40
20
0
−20
−40
−60
−80
−100
1mA
100
µA
200
µA
AVERAGE TOTAL ERROR AT +80
_C
I
2
400
µA
600
µA
800
µA
I
1 =10nA
I
1 =1nA
I
1 = 100nA
I
1 =1µA
I
1 =10µA
I
1 =100µA
I
1 =1mA
100
80
60
40
20
0
−20
−40
−60
−80
−100
1mA
100
µA
200
µA
AVERAGE TOTAL ERROR AT +25
_C
I
2
400
µA
600
µA
800
µA
I
1 =1µA
I
1 = 1nA, 10nA,
100nA
I
1 =10µA
I
1 =100µA
I
1 =1mA
100
80
60
40
20
0
−20
−40
−60
−80
−100
1mA
100
µA
200
µA
AVERAGE TOTAL ERROR AT
−10_C
I
2
400
µA
600
µA
800
µA
I
1 = 10nA I
1 =100µA
I
1 =10µA
I
1 = 100nA
I
1 =1µA
I
1 =1nA
I1 =1mA
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
LOG CONFORMITY vs TEMPERATURE
−10
0
10
20
30405060
70
80
90
Temperature (
_C)
7.5 Decade
6Decade
7 Decade
5 Decade
4Decade
0.09
0.08
0.07
0.06
0.05
0.04
1nA
10nA 100nA 1
µA10µA 100µA 1mA 10mA
100pA
4 DECADE LOG CONFORMITY vs I
REF
I
REF (I1)
+25
_C
+70
_C
+90
_C
+80
_C
−10_C
0
_C
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
5 DECADE LOG CONFORMITY vs I
REF
I
REF (I1)
−10_C, 0_C, +25_C
+70
_C
+80
_C
+90
_C
1nA
10nA 100nA 1
µA10µA100µA 1mA 10mA
100pA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com