Electronic Components Datasheet Search
  English  ▼

X  

LOG114 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # LOG114
Description  Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

LOG114 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button LOG114 Datasheet HTML 6Page - Burr-Brown (TI) LOG114 Datasheet HTML 7Page - Burr-Brown (TI) LOG114 Datasheet HTML 8Page - Burr-Brown (TI) LOG114 Datasheet HTML 9Page - Burr-Brown (TI) LOG114 Datasheet HTML 10Page - Burr-Brown (TI) LOG114 Datasheet HTML 11Page - Burr-Brown (TI) LOG114 Datasheet HTML 12Page - Burr-Brown (TI) LOG114 Datasheet HTML 13Page - Burr-Brown (TI) LOG114 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LOG114
SBOS301A − MAY 2004 − REVISED MARCH 2007
www.ti.com
10
TYPICAL CHARACTERISTICS: VS = +5V (continued)
All specifications at TA = +25°C, RVLOGOUT = 10kΩ, VCM = GND, unless otherwise noted.
140
120
100
80
60
40
20
0
−20
10M
18M
110
100
1k
10k
A
4 and A5 GAIN AND PHASE vs FREQUENCY
Frequency (Hz)
180
135
90
45
0
100k
1M
Gain
Phase
3
0
−3
−6
−9
−12
−15
100M
1k
10k
100k
1M
10M
A4 and A5 NONINVERTING CLOSED−LOOP RESPONSE
Frequency (Hz)
G= 10
G= 1
30
20
10
0
−10
−20
−30
−40
−50
−60
−70
−80
10k
60M
1k
A
4 and A5 INVERTING CLOSED−LOOP RESPONSE
Frequency (Hz)
G=
−1
G=
−10
100k
1M
10M
10
0
−10
−20
−30
−40
−50
50M
1k
10k
A
4 and A5 CAPACITIVE LOAD RESPONSE
Frequency (Hz)
C = 100pF
G= +1
C<10pF
100k
1M
10M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com