Electronic Components Datasheet Search
  English  ▼

X  

LOG114 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # LOG114
Description  Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

LOG114 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button LOG114 Datasheet HTML 5Page - Burr-Brown (TI) LOG114 Datasheet HTML 6Page - Burr-Brown (TI) LOG114 Datasheet HTML 7Page - Burr-Brown (TI) LOG114 Datasheet HTML 8Page - Burr-Brown (TI) LOG114 Datasheet HTML 9Page - Burr-Brown (TI) LOG114 Datasheet HTML 10Page - Burr-Brown (TI) LOG114 Datasheet HTML 11Page - Burr-Brown (TI) LOG114 Datasheet HTML 12Page - Burr-Brown (TI) LOG114 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LOG114
SBOS301A − MAY 2004 − REVISED MARCH 2007
www.ti.com
9
TYPICAL CHARACTERISTICS: VS = +5V (continued)
All specifications at TA = +25°C, RVLOGOUT = 10kΩ, VCM = GND, unless otherwise noted. For ac measurements, small signal means up to approximately 10% of dc
level.
0.45
0.40
0.35
0.30
0.25
0.20
1nA
10nA 100nA 1
µA10µA100µA 1mA 10mA
100pA
6 DECADE LOG CONFORMITY vs I
REF
I
REF (I1)
−10_C, 0_C, +25_C
+70
_C
+80
_C
+90
_C
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
1nA
10nA 100nA 1
µA10µA100µA 1mA 10mA
100pA
8 DECADE LOG CONFORMITY (100pA to 3.5mA)
Input Current (I
1 or I2)
0
_C
+70
_C
+80
_C
+25
_C
−10_C
+90
_C
20
10
0
−10
−20
−30
−40
100
1k
10k
100k
1M
10M
100M
10
SMALL−SIGNAL V
LOGOUT
Frequency (Hz)
10mA
1
µA
10nA
100nA
10
µA
100
µA
1mA
0
−5
−10
−15
−20
−25
−30
−35
−40
−45
−50
1k
10k
100k
1M
10M
100M
100
SMALL−SIGNAL AC RESPONSE I
1
(10% sine modulation)
Frequency (Hz)
1
µA
10nA
100nA
1nA
1mA
100
µA
10
µA
0
−5
−10
−15
−20
−25
−30
−35
−40
−45
−50
1k
10k
100k
1M
10M
100M
100
SMALL−SIGNAL AC RESPONSE I
2
(10% sine modulation)
Frequency (Hz)
1
µA
10nA
100nA
1nA
1mA
100
µA
10
µA
160
140
120
100
80
60
40
20
0
−20
−40
40M
100
1k
10k
100k
A
3 GAIN AND PHASE vs FREQUENCY
Frequency (Hz)
225
180
135
90
45
0
1M
10M
Gain
Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com