Electronic Components Datasheet Search
  English  ▼

X  

LOG114 Datasheet(PDF) 13 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # LOG114
Description  Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

LOG114 Datasheet(HTML) 13 Page - Burr-Brown (TI)

Back Button LOG114 Datasheet HTML 9Page - Burr-Brown (TI) LOG114 Datasheet HTML 10Page - Burr-Brown (TI) LOG114 Datasheet HTML 11Page - Burr-Brown (TI) LOG114 Datasheet HTML 12Page - Burr-Brown (TI) LOG114 Datasheet HTML 13Page - Burr-Brown (TI) LOG114 Datasheet HTML 14Page - Burr-Brown (TI) LOG114 Datasheet HTML 15Page - Burr-Brown (TI) LOG114 Datasheet HTML 16Page - Burr-Brown (TI) LOG114 Datasheet HTML 17Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LOG114
SBOS301A − MAY 2004 − REVISED MARCH 2007
www.ti.com
13
DESIGN EXAMPLE FOR DUAL-SUPPLY
CONFIGURATION
Given these conditions:
D V+ = 5V and V− = −5V
D 100pA ≤ Input signal
D The stage following the LOG114 is an analog-to-
digital converter (ADC) with +5V supply and
+2.5V reference voltage, so VO4 swings from
+0.5V to +2.5V.
1.
Due to LOG114 symmetry, you can choose either
I1 or I2 as the signal input pin. Choosing I1 as the
reference makes the resistor network around A4
simpler. (Note: Current must flow into pins 3 (I1) and
pin 4 (I2).)
2.
Select the magnitude of the reference current.
Since the signal (I2) spans eight decades, set I1 to
1
µA − four decades above the minimum I2 value.
(Note that it does not have to be placed in the
middle. If I2 spanned seven decades, I1 could be set
three decades above the minimum and four
decades below the maximum I2 value.) This
configuration results in more swing amplitude in the
negative direction, which provides more sensitivity
(
∆VO4 per ∆I2) when the current signal decreases.
3.
Using Equation (1) calculate the expected range of
log outputs at VLOGOUT:
For I
2 + 10mA :
V
LOGOUT + 0.375
log
I
1
I
2
+ 0.375
log
1
mA
10mA
+* 1.5V
For I
2 + 100pA :
V
LOGOUT + 0.375
log
I
1
I
2
+ 0.375
log
1
mA
100pA
+) 1.5V
Therefore, the expected voltage range at the output
of amplifier A3 is:
* 1.5V v V
LOGOUT v) 1.5V
4.
The A4 amplifier scales and offsets the VLOGOUT
signal for use by the ADC using the equation:
V
O4 +*SFACTOR
V
LOGOUT ) VOFFSET
The A4 amplifier is specified with a rated output swing
capability from (V−) +0.5V to (V+) − 0.5V.
Therefore, choose the final A4 output:
0V
≤ VO4 ≤ +2.5V
This output results in a 2.5V range for the 3V VLOGOUT
range, or 2.5V/3V scaling factor.
5.
When I2 = 10mA, VLOGOUT = −1.5V. Using the
equation in step 5:
V
O4 +*SFACTOR
V
LOGOUT ) VOFFSET
0V
+*2.5V 3V(*1.5V) ) V
OFFSET
Therefore, VOFFSET = 0V
The A4 amplifier configuration for VO4 = −2.5/3(VLOGOUT)
+ 0V is seen in Figure 3.
The overall transer function is:
V
O4 +*0.249
log
I
1
I
2
) 1.5V
A
4
Internal A4 Output Amplifier
R
5
100k
Ω
V
REF
+2.5V
V
LOGOUT
V
O4 = − 2/3 (VLOGOUT)
I
2
100pA
10mA
A
4 amplifier usedtoscale andoffset VLOGOUT for 0V to 2.5V output.
R
6
82.5k
Ω
R
7
100k
Ω
R
8
37.4k
Ω
V
O4
0V
+2.5V
+5V
−5V
Figure 3.
Operational
Amplifier
Configuration
for
Scaling the Output Going to ADC Stage.
(3)
(4)
(5)
(6)
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com