Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6421 Datasheet(PDF) 176 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 176 Page - Texas Instruments

Back Button TMS320C6421 Datasheet HTML 172Page - Texas Instruments TMS320C6421 Datasheet HTML 173Page - Texas Instruments TMS320C6421 Datasheet HTML 174Page - Texas Instruments TMS320C6421 Datasheet HTML 175Page - Texas Instruments TMS320C6421 Datasheet HTML 176Page - Texas Instruments TMS320C6421 Datasheet HTML 177Page - Texas Instruments TMS320C6421 Datasheet HTML 178Page - Texas Instruments TMS320C6421 Datasheet HTML 179Page - Texas Instruments TMS320C6421 Datasheet HTML 180Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 227 page
background image
www.ti.com
HCS
HAS
HCNTL[1:0]
HR/W
HHWIL
HSTROBE
(A)(C)
HD[15:0]
(output)
HRDY
(B)
1
2
1
2
1
2
5
6
3
4
3
1
2
1
2
1
2
8
14
15
14
8
7
1stHalf-Word
2ndHalf-Word
6
13
15
A.
referstothefollowinglogicaloperationon
,
,and
:[NOT(
XOR
)]OR
.
HSTROBE
HCSHDS1
HDS2
HDS1
HDS2
HCS
B.
Dependingonthetypeofwriteorreadoperation(HPIDwithoutauto-incrementing;HPIA,HPIC,orHPIDwithauto-
incrementing)andthestateoftheFIFO,transitionson
mayormaynotoccur.
FormoredetailedinformationontheHPIperipheral,seethe
User’sGuide
(literaturenumberSPRUEM9).
C.
reflectstypical
behaviorwhen
assertioniscausedby
or
.
timingrequirementsare
reflectedbyparametersfor
.
HRDY
HCS
HCS
HSTROBE
HDS1
HDS2HCS
HSTROBE
TMS320C642xHostPortInterface(HPI)
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346B – JANUARY 2007 – REVISED APRIL 2007
Table 6-36. Switching Characteristics for Host-Port Interface Cycles
(see Figure 6-23 through Figure 6-26) (continued)
-400
-500
NO.
PARAMETER
UNIT
-600
MIN
MAX
Applies to HAS used. The conditions
under which HRDY goes high (not
Delay time, HAS low to HRDY
19
td(HASL-HRDYV)
ready) or stays low (ready) for HPI
12
ns
valid
Write or HPI Read is the same as
parameter #5.
Figure 6-23. HPI16 Read Timing (HAS Not Used, Tied High)
Peripheral Information and Electrical Specifications
176
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com