Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6421 Datasheet(PDF) 219 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 219 Page - Texas Instruments

Back Button TMS320C6421 Datasheet HTML 215Page - Texas Instruments TMS320C6421 Datasheet HTML 216Page - Texas Instruments TMS320C6421 Datasheet HTML 217Page - Texas Instruments TMS320C6421 Datasheet HTML 218Page - Texas Instruments TMS320C6421 Datasheet HTML 219Page - Texas Instruments TMS320C6421 Datasheet HTML 220Page - Texas Instruments TMS320C6421 Datasheet HTML 221Page - Texas Instruments TMS320C6421 Datasheet HTML 222Page - Texas Instruments TMS320C6421 Datasheet HTML 223Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 227 page
background image
www.ti.com
6.20.2
GPIO Peripheral Input/Output Electrical Data/Timing
GP[x]
Input
GP[x]
Output
4
3
2
1
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346B – JANUARY 2007 – REVISED APRIL 2007
Table 6-83. Timing Requirements for GPIO Inputs
(1) (see Figure 6-49)
-400
-500
NO.
UNIT
-600
MIN
MAX
1
tw(GPIH)
Pulse duration, GP[x] input high
2C(2)
ns
2
tw(GPIL)
Pulse duration, GP[x] input low
2C(2)
ns
(1)
The pulse width given is sufficient to generate a CPU interrupt or an EDMA event. However, if a user wants to have C6421 recognize
the GP[x] input changes through software polling of the GPIO register, the GP[x] input duration must be extended to allow C6421
enough time to access the GPIO register through the internal bus.
(2)
C = SYSCLK3 period in ns. For example, when running parts at 600 MHz, use C = 10ns.
Table 6-84. Switching Characteristics Over Recommended Operating Conditions for GPIO Outputs
(see Figure 6-49)
-400
-500
NO.
PARAMETER
UNIT
-600
MIN
MAX
3
tw(GPOH)
Pulse duration, GP[x] output high
2C(1)(2)
ns
4
tw(GPOL)
Pulse duration, GP[x] output low
2C(1)(2)
ns
(1)
This parameter value should not be used as a maximum performance specification. Actual performance of back-to-back accesses of the
GPIO is dependent upon internal bus activity.
(2)
C = SYSCLK3 period in ns. For example, when running parts at 600 MHz, use C = 10ns.
Figure 6-49. GPIO Port Timing
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com