Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6421 Datasheet(PDF) 215 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 215 Page - Texas Instruments

Back Button TMS320C6421 Datasheet HTML 211Page - Texas Instruments TMS320C6421 Datasheet HTML 212Page - Texas Instruments TMS320C6421 Datasheet HTML 213Page - Texas Instruments TMS320C6421 Datasheet HTML 214Page - Texas Instruments TMS320C6421 Datasheet HTML 215Page - Texas Instruments TMS320C6421 Datasheet HTML 216Page - Texas Instruments TMS320C6421 Datasheet HTML 217Page - Texas Instruments TMS320C6421 Datasheet HTML 218Page - Texas Instruments TMS320C6421 Datasheet HTML 219Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 227 page
background image
www.ti.com
VLYNQ_CLK
VLYNQ_TXD[3:0]
VLYNQ_RXD[3:0]
1
2
3
4
Data
Data
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346B – JANUARY 2007 – REVISED APRIL 2007
Table 6-80. Timing Requirements for Receive Data for the VLYNQ Module
(1) (see Figure 6-48)
-400
-500
NO.
UNIT
-600
MIN
MAX
RTM disabled, RTM sample = 3
1.75
ns
Setup time, VLYNQ_RXD[3:0] valid before
3
tsu(RXDV-VCLKH)
VLYNQ_CLK high
RTM enabled
(1)
ns
RTM disabled, RTM sample = 3
2
ns
Hold time, VLYNQ_RXD[3:0] valid after
4
th(VCLKH-RXDV)
VLYNQ_CLK high
RTM enabled
(1)
ns
(1)
The VLYNQ receive timing manager (RTM) is a serial receive logic designed to eliminate setup and hold violations that could occur in
traditional input signals. RTM logic automatically selects the setup and hold timing from one of eight data flops (see Table 6-81). When
RTM logic is disabled, the setup and hold timing from the default data flop (3) is used.
Table 6-81. RTM RX Data Flop Hold/Setup Timing
Constraints
RX Data Flop
HOLD (Y)
SETUP (X)
0
0.6
2.5
1
1.4
2.25
2
1.9
2
3
2
1.75
4
2.5
1.5
5
3
1.25
6
3.5
1
7
4
0.75
Figure 6-48. VLYNQ Transmit/Receive Timing
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com