Electronic Components Datasheet Search
  English  ▼

X  

65050 Datasheet(PDF) 4 Page - Texas Instruments

Part # 65050
Description  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65050 Datasheet(HTML) 4 Page - Texas Instruments

  65050 Datasheet HTML 1Page - Texas Instruments 65050 Datasheet HTML 2Page - Texas Instruments 65050 Datasheet HTML 3Page - Texas Instruments 65050 Datasheet HTML 4Page - Texas Instruments 65050 Datasheet HTML 5Page - Texas Instruments 65050 Datasheet HTML 6Page - Texas Instruments 65050 Datasheet HTML 7Page - Texas Instruments 65050 Datasheet HTML 8Page - Texas Instruments 65050 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
www.ti.com
TPS65050, TPS65051, TPS65052
TPS65054, TPS65056
SLVS710 – JANUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
V
CC = VINDCDC1/2 = 3.6 V, EN = VCC, MODE = GND, L = 2.2 µH, CO = 10 µF. TA = -40°C to 85°C, typical values are at
T
A = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EN_DCDC1, EN_DCDC2, DEFDCDC2, DEFLDO1, DEFLDO2, DEFLDO3, DEFLDO4, EN_LDO1, EN_LDO2, EN_LDO3, EN_LDO4
MODE/DATA, EN_DCDC1, EN_DCDC2,
DEFDCDC2, DEFLDO1, DEFLDO2, DEFLDO3,
VIH
High-level input voltage
1.2
VCC
V
DEFLDO4, EN_LDO1, EN_LDO2, EN_LDO3,
EN_LDO4
MODE/DATA, EN_DCDC1, EN_DCDC2, DEFLDO1,
VIL
Low-level input voltage
DEFLDO2, DEFLDO3, DEFLDO4, EN_LDO1,
0
0.4
V
EN_LDO2, EN_LDO3, EN_LDO4, DEFDCDC2
MODE/DATA = GND or VI
MODE/DATA, EN_DCDC1, EN_DCDC2,
DEFDCDC2, DEFLDO1, DEFLDO2, DEFLDO3,
0.01
1
µA
DEFLDO4, EN_LDO1, EN_LDO2, EN_LDO3,
IlB
Input bias current
EN_LDO4
TPS65051 and TPS65052 only
V_FB_LDOx = 1 V
100
nA
FB_LDO1, FB_LDO2, FB_LDO3, FB_LDO4
POWER SWITCH
VINDCDC1/2 = 3.6 V
280
630
DCDC1
VINDCDC1/2 = 2.5 V
400
rDS(on)
P-channel MOSFET on resistance
m
Ω
VINDCDC1/2 = 3.6 V
280
630
DCDC2
VINDCDC1/2 = 2.5 V
400
Ilkg
P-channel leakage current
VDCDCx = V(DS) = 6 V
1
µA
VINDCDC1/2 = 3.6 V
220
450
DCDC1
VINDCDC1/2 = 2.5 V
320
rDS(on)
N-channel MOSFET on resistance
m
Ω
VINDCDC1/2 = 3.6 V
220
450
DCDC2
VINDCDC1/2 = 2.5 V
320
Ilkg
N-channel leakage current
VDCDCx = V(DS) = 6 V
7
10
µA
TPS65050
0.85
1
1.15
TPS65054
2.5 V
≤ VINDCDC1/2 ≤ 6
Forward Current Limit
DCDC1:
A
V
PMOS (High-Side)
TPS65051, TPS65052,
I(LIMF)
1.19
1.4
1.65
and NMOS (Low
TPS65056
side)
2.5 V
≤ VINDCDC1/2 ≤ 6
DCDC2:
TPS65050 - TPS65056
0.85
1
1.15
A
V
Thermal shutdown
Increasing junction temperature
150
°C
Thermal shutdown hysteresis
Decreasing junction temperature
20
°C
OSCILLATOR
fSW
Oscillator frequency
2.025
2.25
2.475
MHz
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com